전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC081C021 데이터시트(PDF) 9 Page - Texas Instruments

부품명 ADC081C021
상세설명  ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert Function
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ADC081C021 데이터시트(HTML) 9 Page - Texas Instruments

Back Button ADC081C021_14 Datasheet HTML 5Page - Texas Instruments ADC081C021_14 Datasheet HTML 6Page - Texas Instruments ADC081C021_14 Datasheet HTML 7Page - Texas Instruments ADC081C021_14 Datasheet HTML 8Page - Texas Instruments ADC081C021_14 Datasheet HTML 9Page - Texas Instruments ADC081C021_14 Datasheet HTML 10Page - Texas Instruments ADC081C021_14 Datasheet HTML 11Page - Texas Instruments ADC081C021_14 Datasheet HTML 12Page - Texas Instruments ADC081C021_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
SCL
SDA
tHD;STA
tLOW
tr
tHD;DAT
tHIGH
tf
tSU;DAT
tSU;STA
tSU;STO
tf
START
REPEATED
START
STOP
tHD;STA
START
tSP
tr
tBUF
ADC081C021, ADC081C027
www.ti.com
SNAS447C – FEBRUARY 2008 – REVISED MARCH 2013
A.C. and Timing Characteristics (continued)
The following specifications apply for VA = +2.7V to +5.5V. Boldface limits apply for TMIN ≤ TA ≤ TMAX and all other limits are
at TA = 25°C, unless otherwise specified.
Units
Symbol
Parameter
Conditions(1)
Typical(2)
Limits(1)(2)
(Limits)
Standard Mode
250
ns (max)
20+0.1Cb
ns (min)
Fast Mode
250
ns (max)
tfDA
Fall time of SDA signal
10
ns (min)
High Speed Mode, Cb = 100pF
80
ns (max)
20
ns (min)
High Speed Mode, Cb = 400pF
160
ns (max)
Standard Mode
1000
ns (max)
20+0.1Cb
ns (min)
Fast Mode
300
ns (max)
trCL
Rise time of SCL signal
10
ns (min)
High Speed Mode, Cb = 100pF
40
ns (max)
20
ns (min)
High Speed Mode, Cb = 400pF
80
ns (max)
Standard Mode
1000
ns (max)
20+0.1Cb
ns (min)
Fast Mode
300
ns (max)
Rise time of SCL signal after a
trCL1
repeated start condition and after an
10
ns (min)
High Speed Mode, Cb = 100pF
acknowledge bit.
80
ns (max)
20
ns (min)
High Speed Mode, Cb = 400pF
160
ns (max)
Standard Mode
300
ns (max)
20+0.1Cb
ns (min)
Fast Mode
300
ns (max)
tfCL
Fall time of a SCL signal
10
ns (min)
High Speed Mode, Cb = 100pF
40
ns (max)
20
ns (min)
High Speed Mode, Cb = 400pF
80
ns (max)
Capacitive load for each bus line (SCL
Cb
400
pF (max)
and SDA)
Fast Mode
50
ns (max)
tSP
Pulse Width of spike suppressed(4)
High Speed Mode
10
ns (max)
(4)
Spike suppression filtering on SCL and SDA will suppress spikes that are less than 50ns for standard and fast modes, and less than
10ns for hs-mode.
Timing Diagrams
Figure 4. Serial Timing Diagram
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADC081C021 ADC081C027


유사한 부품 번호 - ADC081C021_14

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC081C021CIMK NSC-ADC081C021CIMK Datasheet
775Kb / 32P
   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC081C021CIMK TI-ADC081C021CIMK Datasheet
1Mb / 41P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
ADC081C021CIMK/NOPB TI-ADC081C021CIMK/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
logo
National Semiconductor ...
ADC081C021CIMKX NSC-ADC081C021CIMKX Datasheet
775Kb / 32P
   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC081C021CIMKX TI-ADC081C021CIMKX Datasheet
1Mb / 41P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
More results

유사한 설명 - ADC081C021_14

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC081C027CIMK NSC-ADC081C027CIMK Datasheet
775Kb / 32P
   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC081C027CIMK TI-ADC081C027CIMK Datasheet
1Mb / 41P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
ADC121C021 TI1-ADC121C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 12-Bit Analog-to-Digital Converter with Alert Function
logo
National Semiconductor ...
ADC121C021 NSC-ADC121C021 Datasheet
747Kb / 30P
   I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC101C021 TI1-ADC101C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function
ADC121C021 TI1-ADC121C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Analog-to-Digital Converter with Alert Function
logo
National Semiconductor ...
DAC081C081 NSC-DAC081C081_08 Datasheet
641Kb / 24P
   8-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
ams AG
AS1538 AMSCO-AS1538 Datasheet
80Kb / 2P
   8-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS7830 TI1-ADS7830_14 Datasheet
930Kb / 27P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com