전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT25M02 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 CAT25M02
상세설명  2 Mb SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25M02 데이터시트(HTML) 5 Page - ON Semiconductor

  CAT25M02 Datasheet HTML 1Page - ON Semiconductor CAT25M02 Datasheet HTML 2Page - ON Semiconductor CAT25M02 Datasheet HTML 3Page - ON Semiconductor CAT25M02 Datasheet HTML 4Page - ON Semiconductor CAT25M02 Datasheet HTML 5Page - ON Semiconductor CAT25M02 Datasheet HTML 6Page - ON Semiconductor CAT25M02 Datasheet HTML 7Page - ON Semiconductor CAT25M02 Datasheet HTML 8Page - ON Semiconductor CAT25M02 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CAT25M02
http://onsemi.com
5
Status Register
The Status Register, as shown in Table 7, contains a
number of status and control bits.
The RDY (Ready) bit indicates whether the device is busy
with a write operation. This bit is automatically set to 1
during an internal write cycle, and reset to 0 when the device
is ready to accept commands. For the host, this bit is read
only.
The WEL (Write Enable Latch) bit is set/reset by the
WREN/WRDI commands. When set to 1, the device is in a
Write Enable state and when set to 0, the device is in a Write
Disable state.
The BP0 and BP1 (Block Protect) bits determine which
blocks are currently write protected. They are set by the user
with the WRSR command and are non−volatile. The user is
allowed to protect a quarter, one half or the entire memory,
by setting these bits according to Table 8. The protected
blocks then become read−only.
The TWC (Write Cycle Time) bit is set by the user with
the WRSR command and is volatile. When set to 0, the
device is in a standard write mode with optimum ICC write,
when set to 1 the device is in a fast write mode.
Note: The fast write mode is recommended to be used only
with VCC > 2.5 V.
The WPEN (Write Protect Enable) bit acts as an enable
for the WP pin. Hardware write protection is enabled when
the WP pin is low and the WPEN bit is 1. This condition
prevents writing to the status register and to the block
protected sections of memory. While hardware write
protection is active, only the non−block protected memory
can be written. Hardware write protection is disabled when
the WP pin is high or the WPEN bit is 0. The WPEN bit, WP
pin and WEL bit combine to either permit or inhibit Write
operations, as detailed in Table 9.
The IPL (Identification Page Latch) bit determines
whether the additional Identification Page (IPL = 1) or main
memory array (IPL = 0) can be accessed both for Read and
Write operations. The IPL bit is set by the user with the
WRSR command and is volatile. The IPL bit is
automatically reset after read/write operations.
The LIP bit is set by the user with the WRSR command
and is non-volatile. When set to 1, the Identification Page is
permanently write protected (locked in Read-only mode).
Note: The IPL and LIP bits cannot be set to 1 using the same
WRSR instruction. If the user attempts to set (“1”) both the
IPL and LIP bit in the same time, these bits cannot be written
and therefore they will remain unchanged.
Table 7. STATUS REGISTER
7
6
5
4
3
2
1
0
WPEN
IPL
TWC
LIP
BP1
BP0
WEL
RDY
Table 8. BLOCK PROTECTION BITS
Status Register Bits
Array Address Protected
Protection
BP1
BP0
0
0
None
No Protection
0
1
30000h−3FFFFh
Quarter Array Protection
1
0
20000h−3FFFFh
Half Array Protection
1
1
00000h−3FFFFh
Full Array Protection
Table 9. WRITE PROTECT CONDITIONS
WPEN
WP
WEL
Protected Blocks
Unprotected Blocks
Status Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
Low
0
Protected
Protected
Protected
1
Low
1
Protected
Writable
Protected
X
High
0
Protected
Protected
Protected
X
High
1
Protected
Writable
Writable


유사한 부품 번호 - CAT25M02

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT25M02 ONSEMI-CAT25M02 Datasheet
122Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
November, 2016 ??Rev. 2
CAT25M02 ONSEMI-CAT25M02 Datasheet
270Kb / 16P
   EEPROM Serial 2-Mb SPI
June, 2018 ??Rev. 3
CAT25M02C8ATR ONSEMI-CAT25M02C8ATR Datasheet
122Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
November, 2016 ??Rev. 2
CAT25M02C8ATR ONSEMI-CAT25M02C8ATR Datasheet
270Kb / 16P
   EEPROM Serial 2-Mb SPI
June, 2018 ??Rev. 3
CAT25M02DTR ONSEMI-CAT25M02DTR Datasheet
122Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
November, 2016 ??Rev. 2
More results

유사한 설명 - CAT25M02

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT25M02 ONSEMI-CAT25M02_16 Datasheet
122Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
November, 2016 ??Rev. 2
EA2M ONSEMI-EA2M Datasheet
206Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
September, 2014 ??Rev. 1
CAT25M02 ONSEMI-CAT25M02_18 Datasheet
270Kb / 16P
   EEPROM Serial 2-Mb SPI
June, 2018 ??Rev. 3
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAT25M01 ONSEMI-CAT25M01 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
CAT25M01YI-GT3 ONSEMI-CAT25M01YI-GT3 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com