전자부품 데이터시트 검색엔진 |
|
TPD03-0.5G02S 데이터시트(PDF) 1 Page - Transcom, Inc. |
|
TPD03-0.5G02S 데이터시트(HTML) 1 Page - Transcom, Inc. |
|
1 / 1 page TPD03-0.5G02S PRE.1_05/14/2014 TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science- Based Industrial Park, Hsin-She Dist., Tainan City, Taiwan.. Web-Site: www.transcominc.com.tw Phone: 886-6-5050086 Fax: 886-6-5051602 P 1 / 1 0.5-2GHz 3-Way Power Divider Electrical specifications: No. Parameter Minimum Typical Maximum Units 1 Frequency range 0.5 - 2 Ghz 2 Isolation 20 - - dB 3 Insertion Loss - - 1.5 dB 4 VSWR input 1.4 VSWR output 1.4 5 Phase Unbalance -- ˚ 6 Amplitude Unbalance 1.4 dB 7 Forward Power 20 W cw Reverse Power 2 W cw 8 Operating Temperature Range -55 - +85 ˚C 9 Impedance - 50 - Ω 10 Finish Gray Paint Outline Drawing: All Dimensions in mm;Tolerance:±0.5 All Connectors: SMA-female C 1 2 3 |
유사한 부품 번호 - TPD03-0.5G02S |
|
유사한 설명 - TPD03-0.5G02S |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |