전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD04-0.8G2.5S 데이터시트(PDF) 1 Page - Transcom, Inc.

부품명 TPD04-0.8G2.5S
상세설명  0.8-2.5GHz 4-Way Power Divider
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRANSCOM [Transcom, Inc.]
홈페이지  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TPD04-0.8G2.5S 데이터시트(HTML) 1 Page - Transcom, Inc.

  TPD04-0.8G2.5S Datasheet HTML 1Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TPD04-0.8G2.5S
PRE.1_05/14/2014
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science- Based Industrial Park, Hsin-She Dist., Tainan City, Taiwan..
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 1
0.8-2.5GHz 4-Way Power Divider
Electrical specifications:
No.
Parameter
Minimum
Typical
Maximum
Units
1
Frequency range
0.8
-
2.5
Ghz
2
Isolation
20
-
-
dB
3
Insertion Loss
-
-
0.7
dB
4
VSWR input
1.3
VSWR output
1.2
5
Phase Unbalance
6
˚
6
Amplitude Unbalance
0.6
dB
7
Forward Power
20
W cw
Reverse Power
2
W cw
8
Operating Temperature Range
-55
-
+85
˚C
9
Impedance
-
50
-
Ω
10
Finish
Gray Paint
Outline Drawing:
All Dimensions in mm;Tolerance:±0.5
All Connectors: SMA-female
In
1
2
3
4
3-13
56
8.5
4.4
26
40
4- 2.3
10
Fig. 4


유사한 부품 번호 - TPD04-0.8G2.5S

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TPD04-0.5G02S TRANSCOM-TPD04-0.5G02S Datasheet
85Kb / 1P
   0.5-2GHz 4-Way Power Divider
TPD04-0.5G06BS TRANSCOM-TPD04-0.5G06BS Datasheet
75Kb / 1P
   0.5-6GHz 4-Way Power Divider
More results

유사한 설명 - TPD04-0.8G2.5S

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TPD08-0.8G2.5S TRANSCOM-TPD08-0.8G2.5S Datasheet
77Kb / 1P
   0.8-2.5GHz 8-Way Power Divider
TPD02-0.8G2.5S TRANSCOM-TPD02-0.8G2.5S Datasheet
82Kb / 1P
   0.8-2.5GHz 2-Way Power Divider
logo
Abracon Corporation
ABPDC-4-S-698-2700MHZ ABRACON-ABPDC-4-S-698-2700MHZ Datasheet
5Mb / 4P
   4 Way Power Divider
12.04.15
logo
SYNERGY MICROWAVE CORPO...
SD-4-1 SYNERGY-SD-4-1 Datasheet
266Kb / 3P
   4-WAY POWER DIVIDER
M4D1626 SYNERGY-M4D1626 Datasheet
408Kb / 3P
   4-WAY POWER DIVIDER
M4D3236 SYNERGY-M4D3236 Datasheet
363Kb / 3P
   4-WAY POWER DIVIDER
M4D3040 SYNERGY-M4D3040 Datasheet
397Kb / 3P
   4-WAY POWER DIVIDER
logo
M/A-COM Technology Solu...
MAPD-007246-ES4700 MA-COM-MAPD-007246-ES4700_15 Datasheet
60Kb / 2P
   4-Way Power Divider
logo
SYNERGY MICROWAVE CORPO...
SPD-69-270 SYNERGY-SPD-69-270 Datasheet
363Kb / 3P
   4-Way Power divider
logo
American Accurate Compo...
JXWBGF-T-4-450-890 AAC-JXWBGF-T-4-450-890 Datasheet
60Kb / 1P
   4-Way Power Divider
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com