전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

742692003 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 742692003
상세설명  WE-TMSB Tiny Multilayer Suppression Bead
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

742692003 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  742692003 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 742692003 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 742692003 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 742692003 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 742692003 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 742692003 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1.3
1.2
1.1
1.0
REV
2014-06-05
2014-01-21
2014-01-02
2013-05-02
DATE
SSt
SSt
SSt
SSt
BY
SSt
MHB
SSt
SMu
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-TMSB Tiny Multilayer Suppression
Bead
Order.- No.
742692003
SIZE
A4
Size: 0201
A Dimensions: [mm]
B Recommended land pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Impedance @ 100 MHz
Maximum impedance
Rated current
DC Resistance
Type
Test conditions
100 MHz
770 MHz
ΔT = 20K
Z
Z
IR
RDC
Value
120
259
200
0.45
Wide Band
Unit
Ω
Ω
mA
Ω
Tol.
±25%
typ.
max.
max.
E General information:
Do not use this part beyond the Rated Current, as this will create
excessive heat and can harm the component
Storage Temperature (on Tape & Reel): -20°C to 60°C
Operating Temperature: -55°C to 125°C
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 742692003

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
742692001 WURTH-742692001 Datasheet
1Mb / 6P
   WE-TMSB Tiny Multilayer Suppression bead
742692002 WURTH-742692002 Datasheet
1Mb / 6P
   WE-TMSB Tiny Multilayer Suppression Bead
742692004 WURTH-742692004 Datasheet
1Mb / 6P
   WE-TMSB Tiny Multilayer Suppression Bead
742692005 WURTH-742692005 Datasheet
1Mb / 6P
   WE-TMSB Tiny Multilayer Suppression Bead
More results

유사한 설명 - 742692003

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
742692001 WURTH-742692001 Datasheet
1Mb / 6P
   WE-TMSB Tiny Multilayer Suppression bead
742692002 WURTH-742692002 Datasheet
1Mb / 6P
   WE-TMSB Tiny Multilayer Suppression Bead
742692005 WURTH-742692005 Datasheet
1Mb / 6P
   WE-TMSB Tiny Multilayer Suppression Bead
742692004 WURTH-742692004 Datasheet
1Mb / 6P
   WE-TMSB Tiny Multilayer Suppression Bead
74269241102 WURTH-74269241102 Datasheet
626Kb / 7P
   WE-TMSB SMT EMI Suppression Ferrite Bead
001.001
74269242261 WURTH-74269242261 Datasheet
711Kb / 7P
   WE-TMSB SMT EMI Suppression Ferrite Bead
001.000
7426926222 WURTH-7426926222 Datasheet
480Kb / 6P
   WE-TMSB SMT EMI Suppression Ferrite Bead
001.001
74269244182 WURTH-74269244182 Datasheet
605Kb / 7P
   WE-TMSB SMT EMI Suppression Ferrite Bead
001.001
74269243461 WURTH-74269243461 Datasheet
687Kb / 7P
   WE-TMSB SMT EMI Suppression Ferrite Bead
001.000
74269241601 WURTH-74269241601 Datasheet
626Kb / 7P
   WE-TMSB SMT EMI Suppression Ferrite Bead
001.001
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com