전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM6227 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 SM6227
상세설명  High temperature molded encapsulation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SM6227 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  SM6227 Datasheet HTML 1Page - List of Unclassifed Manufacturers SM6227 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev Date: 05/20/2014
2
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
SM/SMH Series
Surface Mount Wirewound Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
11
12
S
M
4
1
2
4
F
T
1
K
0
0
Test
Results
Moisture Resistance
±1%
Thermal Shock
±0.5%
Load Life @ 70ºC - 1,000 hrs.
±1%
Resistance to Soldering Heat
±1
Terminal Strength
±0.5%
Dielectric Withstanding Voltage
±0.001% / V
Short Time Overload
±0.2%
Operating Temperature Range: -55ºC to +275ºC
0
100
80
60
40
20
-55ºC
70ºC
-60
-40
0
40
80
275
°C
Ambient Temperature (ºC)
200
240
280
320
120
160
Size
SM
2615
Code
Tol
Code
Quantity
SMH
4124
B
0.1%
1,500
NSM
4527
D
0.5%
800
(H)4527
F
1%
1,200
6227
J
5%
750
8035
Z
Jumper
350
Product Series
Power
Tolerance
Resistance Value
Packaging
1 Kohm = 1K00
Zero ohm jumper = 0R00
4W
8035
13" Reel
Plastic Tape
Four characters with the
multiplier used as the
decimal holder.
"L" used as multiplier
of 10
-3 for any value
under 0.1 ohm.
4124
4527, H4527
6227
2615
0.01 ohm = 10L0
Description
Size
0.1 ohm = R100
Standard
Non-inductive
T
2W
2W
1W
3W
3W
High Power
Power Derating Curve:
How to Order
Performance Characteristics


유사한 부품 번호 - SM6227

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SM6227 ETC2-SM6227 Datasheet
130Kb / 2P
   Surface Mount Wirewound Resistor
SM6227 ETC2-SM6227 Datasheet
131Kb / 2P
   High temperature molded encapsulation
logo
Stackpole Electronics, ...
SM6227 SEI-SM6227 Datasheet
267Kb / 4P
   Surface Mount Wirewound Resistor
8/31/2022
SM6227BT10L0-LP SEI-SM6227BT10L0-LP Datasheet
267Kb / 4P
   Surface Mount Wirewound Resistor
8/31/2022
SM6227BT1K00-LP SEI-SM6227BT1K00-LP Datasheet
267Kb / 4P
   Surface Mount Wirewound Resistor
8/31/2022
More results

유사한 설명 - SM6227

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SM2615FTR845 ETC2-SM2615FTR845 Datasheet
131Kb / 2P
   High temperature molded encapsulation
logo
Vishay Siliconix
WSRHP VISHAY-WSRHP Datasheet
103Kb / 4P
   Molded high temperature encapsulation
Revision: 21-Oct-16
logo
List of Unclassifed Man...
SM6227JT62R0 ETC2-SM6227JT62R0 Datasheet
130Kb / 2P
   High temperature molded encapsulation
logo
MPS Industries, Inc.
R7X1210M MPSIND-R7X1210M Datasheet
160Kb / 1P
   ENCAPSULATION MOLDED CHIP INDUCTOR
R7X1008M MPSIND-R7X1008M Datasheet
160Kb / 1P
   ENCAPSULATION MOLDED CHIP INDUCTOR
logo
Vishay Siliconix
WSCWSN VISHAY-WSCWSN Datasheet
101Kb / 3P
   All welded construction, Molded encapsulation, Wraparound terminations
Revision: 17-Feb-11
logo
Sangdest Microelectroni...
209CNQ SMC-209CNQ Datasheet
140Kb / 4P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
63CPQ080 SMC-63CPQ080 Datasheet
141Kb / 5P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
400CMQ SMC-400CMQ Datasheet
210Kb / 4P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
MBR2535 SMC-MBR2535 Datasheet
204Kb / 6P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com