전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ4751A 데이터시트(PDF) 2 Page - Micro Commercial Components

부품명 SMAJ4751A
상세설명  1 Watt Zener Diode Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMAJ4751A 데이터시트(HTML) 2 Page - Micro Commercial Components

  SMAJ4751A Datasheet HTML 1Page - Micro Commercial Components SMAJ4751A Datasheet HTML 2Page - Micro Commercial Components SMAJ4751A Datasheet HTML 3Page - Micro Commercial Components SMAJ4751A Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS @25°C
Revision: E
2013/04/26
MCC
SMAJ4728A THRU SMAJ4764A
TM
Micro Commercial Components
www.mccsemi.com
2 of 4


유사한 부품 번호 - SMAJ4751A

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SMAJ4751A MCC-SMAJ4751A Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
logo
List of Unclassifed Man...
SMAJ4751A ETC2-SMAJ4751A Datasheet
190Kb / 2P
   Transient Voltage Suppressor
logo
Micro Commercial Compon...
SMAJ4751AHE3 MCC-SMAJ4751AHE3 Datasheet
535Kb / 4P
   1 Watt Zener Diode 10 to 100 Volts
More results

유사한 설명 - SMAJ4751A

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Frontier Electronics.
Z10-100 FRONTIER-Z10-100 Datasheet
112Kb / 1P
   1 WATT ZENER DIODE
Z10-100-LFR FRONTIER-Z10-100-LFR Datasheet
120Kb / 2P
   1 WATT ZENER DIODE
ZTL50-X FRONTIER-ZTL50-X Datasheet
120Kb / 2P
   1 WATT ZENER DIODE
logo
Compensated Deuices Inc...
1N3821A CDI-DIODE-1N3821A Datasheet
43Kb / 2P
   1 WATT ZENER DIODE
logo
Frontier Electronics.
1N4736A-LFR FRONTIER-1N4736A-LFR Datasheet
127Kb / 2P
   1 WATT ZENER DIODE
logo
Microsemi Corporation
1EZ110D5 MICROSEMI-1EZ110D5 Datasheet
169Kb / 3P
   Silicon 1 Watt Zener Diode
logo
Central Semiconductor C...
CPZ18 CENTRAL-CPZ18 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ18 CENTRAL-CPZ18_10 Datasheet
376Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19_10 Datasheet
405Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com