전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMP1302-040LF 데이터시트(PDF) 6 Page - Skyworks Solutions Inc.

부품명 SMP1302-040LF
상세설명  The Right Products for Your System Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1302-040LF 데이터시트(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SMP1302-040LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1302-040LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1302-040LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1302-040LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1302-040LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1302-040LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1302-040LF Datasheet HTML 8Page - Skyworks Solutions Inc. SMP1302-040LF Datasheet HTML 9Page - Skyworks Solutions Inc. SMP1302-040LF Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
WWW.SKYWORKSINC.COM
Part
P
Out
Gain
P
1 dB
I
CQ
Package
Frequency Band (MHz)
Number
Function
(dBm)
(dB)
(dBm)
(mA)
(mm)
450
915
2400
SE2433T-R
2-Stage Power Amplifier
24
22
24
QFN 2.5 x 2
SKY65116
2-Stage Power Amplifier
33
33
320
MCM 8 x 8
SKY65111-348LF
3-Stage Power Amplifier
39.5
29.5
250
QFN 3 x 3
SKY65006-348LF
3-Stage Power Amplifier
27.5
23.4
50
QFN 3 x 3
SKY65131
2-Stage Power Amplifier
26
28
150
MCM 4 x 4
SKY65132
3-Stage Power Amplifier
33
30
330
MCM 6 x 6
SKY65009-70LF
Single Stage Driver
17
25
110
SOT-89 4.5 x 2.4
SKY65045-70LF
Single Stage Driver
14 dB @
900 MHz
25
60
SOT-89 4.5 x 2.4
SKY65162-70LF
Single Stage Driver
20
29
185
SOT-89 4.5 x 2.4
SKY65152-11
3-Stage Power Amplifier
32
33
490
MCM 6 x 6
SKY67130-396LF
Single Stage Driver
13
16
22
DFN 2 x 2
FrOnT-End MOdulES (COnTInuEd)
Table 1. Front-end Modules (Continued)
New products indicated in
blue, bold are continually being introduced at Skyworks. For the latest information, please visit the new products section of our Web site at www.skyworksinc.com.
Front-end Modules, Amplifiers
Part
P
Out
tx Gain Rx Gain
I
CC tx
Package
Frequency Band (MHz)
Number
Function
(dBm)
(dB)
(dB)
(mA)
(mm)
< 170 410–470 868–930 2400–2500
SKY85302-11
2.4 GHz, 256 QAM WLAN/Bluetooth® Front-end Module
19
26
14
QFN 2.5 x 2.5
SKY85303-11
2.4 GHz, 256 QAM WLAN/Bluetooth® Front-end Module
19
26
14
QFN 2.5 x 2.5
SE2431L-R
Tx / Rx Front-end Module with LNA
20
23
12
110
QFN 3 x 4
SE2432L-R
Tx / Rx Front-end Module with LNA
20
22
11.5
110
QFN 3 x 4
SE2436L-R
High Power Tx / Rx Front-end Module with LNA
27
28
11.5
400
QFN 4 x 4
SKY66109-11
High Performance, Highly Integrated Front-end Module
20–24
22
12
105
MCM 3 x 4
AMPlIFIErS
Table 2. Power Amplifiers


유사한 부품 번호 - SMP1302-040LF

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SMP1302-040LF SKYWORKS-SMP1302-040LF Datasheet
1Mb / 14P
   SMP1302 Series Switch and Attenuator Plastic Packaged PIN Diodes
SMP1302-040LF SKYWORKS-SMP1302-040LF Datasheet
1Mb / 11P
   Switch and Attenuator Plastic Packaged PIN Diodes
More results

유사한 설명 - SMP1302-040LF

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CRT0402 BOURNS-CRT0402 Datasheet
351Kb / 6P
   Selecting the Right Resistor for Your Application
logo
Fairchild Semiconductor
AN-6609 FAIRCHILD-AN-6609 Datasheet
17Mb / 53P
   Selecting the Best JFET for Your Application
logo
List of Unclassifed Man...
2518121217Y6 ETC1-2518121217Y6 Datasheet
255Kb / 3P
   Fair-Rite Products Corp. Your Sinnal Solution
TSX10A-26057 ETC1-TSX10A-26057 Datasheet
54Kb / 1P
   For the CSR Bluetooth products
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
logo
OKI electronic componet...
PCT-1000 OKI-PCT-1000 Datasheet
2Mb / 4P
   Create Your Own Rework System
logo
Analog Devices
MT-002 AD-MT-002 Datasheet
158Kb / 12P
   What the Nyquist Criterion Means to Your Sampled Data System Design
Rev.A, 10/08, WK
logo
List of Unclassifed Man...
VM3-01 ETC2-VM3-01 Datasheet
99Kb / 2P
   To easily integrate Contura products into your system, Carlingswitch also offers many accessories, including
logo
Freescale Semiconductor...
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 132P
   i.MX25 Applications Processor for Automotive Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com