전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD2LN60K3 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STD2LN60K3
상세설명  N-channel 600 V, 4typ., 2 A SuperMESH3 Power MOSFET in DPAK, TO-220FP and IPAK packages
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2LN60K3 데이터시트(HTML) 4 Page - STMicroelectronics

  STD2LN60K3 Datasheet HTML 1Page - STMicroelectronics STD2LN60K3 Datasheet HTML 2Page - STMicroelectronics STD2LN60K3 Datasheet HTML 3Page - STMicroelectronics STD2LN60K3 Datasheet HTML 4Page - STMicroelectronics STD2LN60K3 Datasheet HTML 5Page - STMicroelectronics STD2LN60K3 Datasheet HTML 6Page - STMicroelectronics STD2LN60K3 Datasheet HTML 7Page - STMicroelectronics STD2LN60K3 Datasheet HTML 8Page - STMicroelectronics STD2LN60K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Electrical characteristics
STD2LN60K3, STF2LN60K3, STU2LN60K3
4/20
Doc ID 023500 Rev 1
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 5.
On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 1 mA, VGS = 0
600
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 600 V
VDS = 600 V, TC=125 °C
1
50
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20 V
± 10
µA
VGS(th)
Gate threshold voltage VDS = VGS, ID = 50 µA
3
3.75
4.5
V
RDS(on
Static drain-source on-
resistance
VGS = 10 V, ID = 1 A
4
4.5
Ω
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 50 V, f = 1 MHz, VGS = 0
-
235
22
3.5
-
pF
pF
pF
Co(tr)
(1)
1.
Coss eq. time related is defined as a constant equivalent capacitance giving the same charging time as Coss
when VDS increases from 0 to 80% VDSS
Eq. capacitance time
related
VGS = 0, VDS = 0 to 480 V
-14
-
pF
Co(er)
(2)
2.
Coss eq. energy related is defined as a constant equivalent capacitance giving the same stored energy as
Coss when VDS increases from 0 to 80% VDSS
Eq. capacitance
energy related
-10
-
pF
RG
Intrinsic gate
resistance
f = 1 MHz open drain
-
7
-
Ω
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 480 V, ID = 1 A,
VGS = 10 V
(see Figure 18)
-
12
1.8
7.7
-
nC
nC
nC


유사한 부품 번호 - STD2LN60K3

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
STD2LN60K3 VBSEMI-STD2LN60K3 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

유사한 설명 - STD2LN60K3

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STP4N52K3 STMICROELECTRONICS-STP4N52K3 Datasheet
1Mb / 2P
   N-channel 525 V, 2.5 A, 2.1typ., SuperMESH3 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
February 2013 Rev 2
STD1HN60K3 STMICROELECTRONICS-STD1HN60K3 Datasheet
1Mb / 19P
   N-channel 600 V, 6.7 廓 typ., 1.2 A SuperMESH3??Power MOSFET in DPAK and IPAK packages
April 2013 Rev 1
STD4N52K3 STMICROELECTRONICS-STD4N52K3 Datasheet
1Mb / 21P
   N-channel 525 V, 2.5 A, 2.1 廓 typ., SuperMESH3??Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
STDLED602 STMICROELECTRONICS-STDLED602 Datasheet
1Mb / 19P
   N-channel 600 V, 4 Ω typ., 2 A Power MOSFET in DPAK and IPAK packages
March 2013
STF6N62K3 STMICROELECTRONICS-STF6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3 Power MOSFET in TO-220FP, IPAKFP, IPAK, TO-220, IPAK packages
STF3LN62K3 STMICROELECTRONICS-STF3LN62K3 Datasheet
1Mb / 21P
   N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFET DPAK, TO-220FP, TO-220, IPAK
February 2011 Rev 1
STD6N62K3 STMICROELECTRONICS-STD6N62K3 Datasheet
433Kb / 17P
   N-channel 620 V, 1.1 廓, 5.5 A, IPAK, DPAK, TO-220,TO-220FP SuperMESH3??Power MOSFET
STB3N62K3 STMICROELECTRONICS-STB3N62K3_09 Datasheet
554Kb / 20P
   N-channel 620 V, 2.2 OHM , 2.7 A SuperMESH3 Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
logo
List of Unclassifed Man...
STU5N52K3 ETC2-STU5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 廓, 4.4 A SuperMESH3??Power MOSFET D짼PAK, DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STB3N62K3 STMICROELECTRONICS-STB3N62K3 Datasheet
567Kb / 19P
   N-channel 620 V, 2.2 廓 , 2.7 A SuperMESH3??Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com