전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7FOXA0-DRAIS 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 ST7FOXA0-DRAIS
상세설명  Raisonances complete, low-cost starter kits for STM8 and ST7
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXA0-DRAIS 데이터시트(HTML) 1 Page - STMicroelectronics

  ST7FOXA0-DRAIS Datasheet HTML 1Page - STMicroelectronics ST7FOXA0-DRAIS Datasheet HTML 2Page - STMicroelectronics ST7FOXA0-DRAIS Datasheet HTML 3Page - STMicroelectronics ST7FOXA0-DRAIS Datasheet HTML 4Page - STMicroelectronics ST7FOXA0-DRAIS Datasheet HTML 5Page - STMicroelectronics ST7FOXA0-DRAIS Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
April 2013
Doc ID 11271 Rev 6
1/6
6
STM8-SK/RAIS STM8-D/RAIS
ST7-SK/RAIS ST7-D/RAIS
Raisonance’s complete, low-cost starter kits for STM8 and ST7
Features
Embedded RLink
USB interface to host PC
In-circuit debugging and programming
Application board connection via ST SWIM,
ICC or JTAG
REva motherboard
1 standard SO-DIMM connector to plug in
daughterboards
Digital and analog I/O evaluation features,
including on-board LEDs, buttons, switches,
external analog connector, temperature sensor
and potentiometer
I²C EEPROM and bus
RS-232 driver and 2 DB9 connectors
Prototype area
VDD settings for 1.8 V, 3.3 V and 5 V
microcontrollers
USB powered, no external power required
Interchangeable REva daughterboard
Features different STM8 and ST7 MCUs to
permit application development for a wide
range of devices and may include additional
device specific features
Raisonance software
Ride7: Editor, SIMICE simulator, Rbuilder, C
compiler, debugger, Project manager, and
CodeCompressor
RFlasher7 device programming interface
Description
The REva starter kits are Raisonance’s complete,
cost-effective solutions for starting application
development and evaluating STM8x, ST7LITEx,
ST7Fox, ST7232x, ST7234x, ST7236x and
ST7263B microcontrollers.
Kits contain all the hardware and software
required to develop applications for
microcontrollers, including the REva evaluation
board, target STM8 and ST7 microcontrollers,
embedded RLink for in-circuit debugging and in-
circuit programming and the raisonance
integrated development environment (Ride7) with
application builder.
www.st.com


유사한 부품 번호 - ST7FOXA0-DRAIS

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST7FOXA0 STMICROELECTRONICS-ST7FOXA0 Datasheet
1Mb / 123P
   8-bit MCU with single voltage Flash memory
February 2008 Rev 3
More results

유사한 설명 - ST7FOXA0-DRAIS

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STM8-SK STMICROELECTRONICS-STM8-SK Datasheet
165Kb / 6P
   Raisonance?셲 complete, low-cost starter kits for STM8 and ST7
ST7XXXX-SK STMICROELECTRONICS-ST7XXXX-SK Datasheet
76Kb / 4P
   Raisonance?셲 complete, low-cost starter kits for ST7
STR91X-SK STMICROELECTRONICS-STR91X-SK_1 Datasheet
187Kb / 4P
   IAR?셲 complete, low cost starter kits for STR7 and STR9
ST7-STICK STMICROELECTRONICS-ST7-STICK Datasheet
75Kb / 2P
   Low Cost, In-Circuit Programmer for ST7
STR91X-SK STMICROELECTRONICS-STR91X-SK Datasheet
194Kb / 4P
   Keil starter kits for STR7 and STR9
STM32W-SK STMICROELECTRONICS-STM32W-SK Datasheet
83Kb / 4P
   Starter and extension kits for STM32W108xx microcontrollers
ST7-DVP3 STMICROELECTRONICS-ST7-DVP3 Datasheet
152Kb / 3P
   Low Cost, Real Time Emulator Series for ST7
logo
VIA Technologies, Inc.
ENT-610M VIA-ENT-610M Datasheet
438Kb / 2P
   Starter Kits
logo
STMicroelectronics
SN260-2SK STMICROELECTRONICS-SN260-2SK Datasheet
82Kb / 6P
   Low-cost REva starter kits for incorporation of ZigBee짰 connectivity in microcontroller applications
logo
Maxim Integrated Produc...
MAX1552 MAXIM-MAX1552 Datasheet
324Kb / 12P
   Complete Power IC for Low-Cost PDAs
Rev 0; 4/03
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com