전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTBL2410-G-A 데이터시트(PDF) 2 Page - Marktech Corporate

부품명 MTBL2410-G-A
상세설명  SIDE VIEW LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MARKTECH [Marktech Corporate]
홈페이지  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTBL2410-G-A 데이터시트(HTML) 2 Page - Marktech Corporate

  MTBL2410-G-A Datasheet HTML 1Page - Marktech Corporate MTBL2410-G-A Datasheet HTML 2Page - Marktech Corporate MTBL2410-G-A Datasheet HTML 3Page - Marktech Corporate MTBL2410-G-A Datasheet HTML 4Page - Marktech Corporate MTBL2410-G-A Datasheet HTML 5Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
REV.: 01 Date : 2005/12/07 Page: 1/4
Package Dimensions
K
A
A
K
Notes:
1. ALL DIMENSIONS ARE IN mm.
2. TOLERANCE IS ±0.25mm UNLESS OTHERWISE NOTED.
Description
LED Chip
Part No.
Material
Emitting Color
Lens Color
MTBL2410-G-A
GaP/GaP
Green
Green Clear
MTBL2410-G-A
1.9x9.2mm
SIDE VIEW LAMP


유사한 부품 번호 - MTBL2410-G-A

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
MTBL2410-G-A MARKTECH-MTBL2410-G-A Datasheet
178Kb / 3P
   Standard LEDs
MTBL2410-G-A MARKTECH-MTBL2410-G-A_15 Datasheet
244Kb / 5P
   SIDE VIEW LAMP
More results

유사한 설명 - MTBL2410-G-A

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
MTBL2410-G-A MARKTECH-MTBL2410-G-A_15 Datasheet
244Kb / 5P
   SIDE VIEW LAMP
logo
AUK corp
SA4433 AUK-SA4433 Datasheet
201Kb / 3P
   Side View LED Lamp
SM4433 AUK-SM4433 Datasheet
170Kb / 3P
   Side View LED Lamp
SY4433 AUK-SY4433 Datasheet
213Kb / 3P
   Side View LED Lamp
logo
List of Unclassifed Man...
L02B9219N4M ETC2-L02B9219N4M Datasheet
61Kb / 1P
   1.9 x 9.2 mm SIDE VIEW LAMP
logo
Vishay Siliconix
IRMT6452 VISHAY-IRMT6452 Datasheet
595Kb / 7P
   SIDE VIEW IRMS6452/TOP VIEW
Revision 05-July-02
logo
Marktech Corporate
MTBL8818-BL MARKTECH-MTBL8818-BL Datasheet
94Kb / 1P
   Marktech Side View Lamp Type 135 x 24mm Backlighter
MTBL8421-BL MARKTECH-MTBL8421-BL Datasheet
222Kb / 1P
   Marktech Side View Lamp Type 63.0 x 37.0mm Backlighter
logo
Kingbright Corporation
AA9219 KINGBRIGHT-AA9219 Datasheet
238Kb / 4P
   9.2mmX1.9mm SIDE VIEW
AA9219 KINGBRIGHT-AA9219_2 Datasheet
236Kb / 4P
   9.2mmX1.9mm SIDE VIEW
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com