전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC13192FCR2 데이터시트(PDF) 1 Page - Freescale Semiconductor, Inc

부품명 MC13192FCR2
상세설명  2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13192FCR2 데이터시트(HTML) 1 Page - Freescale Semiconductor, Inc

  MC13192FCR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13192FCR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13192FCR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13192FCR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13192FCR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13192FCR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13192FCR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13192FCR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13192FCR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© Freescale Semiconductor, Inc., 2004, 2005, 2006, 2007, 2008. All rights reserved.
Freescale Semiconductor
Technical Data
Freescale reserves the right to change the detail specifications as may be required to permit improvements in the design of its
products.
Document Number: MC13192
Rev. 3.3, 04/2008
MC13192
Package Information
Plastic Package
Case 1311-03
(QFN-32)
Ordering Information
Device
Device Marking
Package
MC13192FC
13192
QFN-32
MC13192FCR2
(Tape and reel)
13192
QFN-32
1
Introduction
The MC13192 is a short range, low power, 2.4 GHz
Industrial, Scientific, and Medical (ISM) band
transceivers. The MC13192 contains a complete
802.15.4 physical layer (PHY) modem designed for the
IEEE® 802.15.4 Standard which supports peer-to-peer,
star, and mesh networking.
The MC13192 includes the 802.15.4 PHY/MAC for use
with the HCS08 Family of MCUs. The MC13192 can be
used with Freescale’s IEEE 802.15.4 MAC and
BeeStack, which is Freescale’s ZigBee 2006 compliant
protocol stack.
When combined with an appropriate microcontroller
(MCU), the MC13192 provide a cost-effective solution
for short-range data links and networks. Interface with
the MCU is accomplished using a four wire serial
peripheral interface (SPI) connection and an interrupt
request output which allows for the use of a variety of
processors. The software and processor can be scaled to
fit applications ranging from simple point-to-point
systems, through complete ZigBee™ networking.
MC13192
2.4 GHz Low Power Transceiver
for the IEEE® 802.15.4 Standard
Contents
1 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
3 Block Diagrams . . . . . . . . . . . . . . . . . . . . . . . 4
4 Data Transfer Modes . . . . . . . . . . . . . . . . . . . 5
5 Electrical Characteristics . . . . . . . . . . . . . . . 7
6 Functional Description . . . . . . . . . . . . . . . . 11
7 Pin Connections . . . . . . . . . . . . . . . . . . . . . . 14
8 Applications Information . . . . . . . . . . . . . . . 17
9 Packaging Information . . . . . . . . . . . . . . . . . 23


유사한 부품 번호 - MC13192FCR2

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC13192FCR2 FREESCALE-MC13192FCR2 Datasheet
379Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results

유사한 설명 - MC13192FCR2

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_07 Datasheet
367Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201_08 Datasheet
344Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192 Datasheet
340Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_08 Datasheet
360Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192_08 Datasheet
379Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13201 FREESCALE-MC13201_07 Datasheet
349Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com