전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQD4N20TF 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FQD4N20TF
상세설명  N-Channel QFET MOSFET 200 V, 3.0 A, 1.4
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD4N20TF 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FQD4N20TF Datasheet HTML 1Page - Fairchild Semiconductor FQD4N20TF Datasheet HTML 2Page - Fairchild Semiconductor FQD4N20TF Datasheet HTML 3Page - Fairchild Semiconductor FQD4N20TF Datasheet HTML 4Page - Fairchild Semiconductor FQD4N20TF Datasheet HTML 5Page - Fairchild Semiconductor FQD4N20TF Datasheet HTML 6Page - Fairchild Semiconductor FQD4N20TF Datasheet HTML 7Page - Fairchild Semiconductor FQD4N20TF Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 2013
Thermal Characteristics
FQD4N20
N-Channel QFET® MOSFET
200 V, 3.0 A, 1.4 Ω
Description
©2009 Fairchild Semiconductor Corporation
FQD4N20 Rev. C1
www.fairchildsemi.com
1
This N-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor’s proprietary planar
stripe and DMOS technology. This advanced MOSFET
technology has been especially tailored to reduce on-state
resistance, and to provide superior switching performance
and high avalanche energy strength. These devices are
suitable for switched mode power supplies, active power
factor correction (PFC), and electronic lamp ballasts.
Features
• 3.0 A, 200 V, RDS(on) = 1.4 Ω (Max.) @ VGS = 10 V,
ID = 1.5 A
• Low Gate Charge (Typ. 5.0 nC)
• Low Crss (Typ. 5.0 pF)
• 100% Avalanche Tested
Absolute Maximum Ratings T
C = 25°C unless otherwise noted.
D-PAK
G
S
D
G
S
D
Symbol
Parameter
FQD4N20TM
Unit
RJC
Thermal Resistance, Junction to Case, Max.
4.17
oC/W
RJA
Thermal Resistance, Junction to Ambient (Minimum Pad of 2-oz Copper), Max.
110
Thermal Resistance, Junction to Ambient (*1 in2 Pad of 2-oz Copper), Max.
50


FQD4N20TM

*
 * 
)((
*
5

' (
%
1,)263
1,-((63
- 72
%
5

8 
 
-)
%
*
9 * 
±'(
*
:
 8 %! :
 
2)
;
5
%! 
 
' (
%
:
+!%! :
 
' (
;
!$
8<+ !!$
 
2 2
*$
8
81,)263=
) 2
>
81,)263
'(
>
"!)26
( ).
>$6
 
+
22?-2(
6

'((
6
Maximum Lead Temperature for Soldering,
1/8" from Case for 5 Seconds.


유사한 부품 번호 - FQD4N20TF

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD4N20 FAIRCHILD-FQD4N20 Datasheet
701Kb / 9P
   200V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQD4N20 ISC-FQD4N20 Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-08
logo
Fairchild Semiconductor
FQD4N20L FAIRCHILD-FQD4N20L Datasheet
519Kb / 9P
   200V LOGIC N-Channel MOSFET
FQD4N20L FAIRCHILD-FQD4N20L Datasheet
526Kb / 9P
   200V LOGIC N-Channel MOSFET
FQD4N20LTF FAIRCHILD-FQD4N20LTF Datasheet
526Kb / 9P
   200V LOGIC N-Channel MOSFET
More results

유사한 설명 - FQD4N20TF

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQPF9N90CT FAIRCHILD-FQPF9N90CT Datasheet
1Mb / 10P
   N-Channel QFET MOSFET 900 V, 8.0 A, 1.4 Ohm
FQD5N20LTM FAIRCHILD-FQD5N20LTM Datasheet
863Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.8 A, 1.2
logo
ON Semiconductor
FQA9N90C-F109 ONSEMI-FQA9N90C-F109 Datasheet
1Mb / 9P
   N-Channel QFET® MOSFET 900 V, 9 A, 1.4 Ω
December-2017, Rev 3
logo
Fairchild Semiconductor
FQD10N20CTM FAIRCHILD-FQD10N20CTM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET 200 V, 7.8 A, 360 mOhm
FQD12N20TM FAIRCHILD-FQD12N20TM Datasheet
862Kb / 9P
   N-Channel QFET MOSFET 200 V, 9 A, 280 m
FQD18N20V2TM FAIRCHILD-FQD18N20V2TM Datasheet
737Kb / 9P
   N-Channel QFET MOSFET 200 V, 15 A, 140 mOhm
FQD10N20LTF FAIRCHILD-FQD10N20LTF Datasheet
765Kb / 8P
   N-Channel QFET MOSFET 200 V, 7.6 A, 360 m
FQT3P20TF FAIRCHILD-FQT3P20TF Datasheet
1Mb / 8P
   P-Channel QFET MOSFET -200 V, -0.67 A, 2.7
logo
ON Semiconductor
NVMJS1D5N04CL ONSEMI-NVMJS1D5N04CL Datasheet
364Kb / 7P
   MOSFET ??Power, Single N-Channel 40 V, 1.4 m, 200 A
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FQNL2N50BTA FAIRCHILD-FQNL2N50BTA Datasheet
786Kb / 8P
   N-Channel QFET MOSFET 500 V, 0.35 A, 5.3
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com