전자부품 데이터시트 검색엔진 |
|
FQD4P40TF 데이터시트(PDF) 1 Page - Fairchild Semiconductor |
|
FQD4P40TF 데이터시트(HTML) 1 Page - Fairchild Semiconductor |
1 / 9 page ©2009 Fairchild Semiconductor Internationa Rev. A2, January 2009 FQD4P40 / FQU4P40 400V P-Channel MOSFET General Description These P-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology. This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for electronic lamp ballast based on complimentary half bridge. Features • -2.7A, -400V, RDS(on) = 3.1Ω @VGS = -10 V • Low gate charge ( typical 18 nC) • Low Crss ( typical 11 pF) • Fast switching • 100% avalanche tested • Improved dv/dt capability Absolute Maximum Ratings T C = 25°C unless otherwise noted Thermal Characteristics Symbol Parameter FQD4P40 / FQU4P40 Units VDSS Drain-Source Voltage -400 V ID Drain Current - Continuous (TC = 25°C) -2.7 A - Continuous (TC = 100°C) -1.71 A IDM Drain Current - Pulsed (Note 1) -10.8 A VGSS Gate-Source Voltage ± 30 V EAS Single Pulsed Avalanche Energy (Note 2) 260 mJ IAR Avalanche Current (Note 1) -2.7 A EAR Repetitive Avalanche Energy (Note 1) 5.0 mJ dv/dt Peak Diode Recovery dv/dt (Note 3) -4.5 V/ns PD Power Dissipation (TA = 25°C) * 2.5 W Power Dissipation (TC = 25°C) 50 W - Derate above 25°C 0.4 W/°C TJ, TSTG Operating and Storage Temperature Range -55 to +150 °C TL Maximum lead temperature for soldering purposes, 1/8" from case for 5 seconds 300 °C Symbol Parameter Typ Max Units RθJC Thermal Resistance, Junction-to-Case -- 2.5 °C/W RθJA Thermal Resistance, Junction-to-Ambient * -- 50 °C/W RθJA Thermal Resistance, Junction-to-Ambient -- 110 °C/W * When mounted on the minimum pad size recommended (PCB Mount) I-PAK FQU Series D-PAK FQD Series G S D G S D ● ● ● ● ● ● ● ● ● ● ● ● ▲ ▲ ▲ ▲ ▶ ▶ ▶ ▶ ! ! ! ! ! ! ! ! ! ! ! ! ● ● ● ● ● ● ● ● ● ● ● ● ▲ ▲ ▲ ▲ ▶ ▶ ▶ ▶ ! ! ! ! ! ! ! ! ! ! ! ! S D G January 2009 QFET ® • RoHS Compliant |
유사한 부품 번호 - FQD4P40TF |
|
유사한 설명 - FQD4P40TF |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |