전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL1021B145 데이터시트(PDF) 2 Page - Littelfuse

부품명 SL1021B145
상세설명  SL1021A/B, SL1024A/B and PMT8 Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1021B145 데이터시트(HTML) 2 Page - Littelfuse

  SL1021B145 Datasheet HTML 1Page - Littelfuse SL1021B145 Datasheet HTML 2Page - Littelfuse SL1021B145 Datasheet HTML 3Page - Littelfuse SL1021B145 Datasheet HTML 4Page - Littelfuse SL1021B145 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2010 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
19
Revised: June 28, 2010
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
SL1021A/B, SL1024A/B and PMT8 Series
SL1021A/B, SL1024A/B and PMT8 Series
Electrical Characteristics
Device Specifications (at 25°C)
Life Ratings
Part
Number*
DC Voltage
100V/Sec.
DC
Voltage
100 V/
μSec.
DC
Voltage
1kV/
μSec.
Capaci-
tance
(@1Mhz)
Insulation
Resistance
AC
Current
50Hz
1Sec.x101
Surge
Current
8/20μSec
x101
Max
Single
Surge
8/20μSec1
Max Single
Surge
10/350μSec1
Surge Life
10/1000
μSecx3001
MIN
TYP
MAX
MIN
SL1021A090
SL1024A090
SL1021B090
SL1024B090
PMT 8 090
72
90
108
500
650
<1.5pF
10Amps
10kA2
20kA3
15kA2
25kA3
4kA2
5kA3
200Amps
SL1021A145
SL1024A145
SL1021B145
SL1024B145
116
145
174
600
2.5kA2
5kA3
SL1021A150
SL1024A150
SL1021B150
SL1024B150
120
150
180
SL1021A200
150
200
250
SL1021A230
SL1024A230
SL1021B230
SL1024B230
PMT 8 230
184
230
276
450
650
SL1021A250
SL1024A250
SL1021B250
SL1024B250
PMT 8 250
200
250
300
500
SL1021A260
SL1024A260
SL1021B260
SL1024B260
210
260
310
550
700
SL1021A300
SL1024A300
SL1021B300
SL1024B300
240
300
360
650
850
SL1021A350
SL1024A350
SL1021B350
SL1024B350
PMT 8 350
280
350
420
700
900
SL1021A400
SL1024A400
SL1021B400
SL1024B400
PMT 8 400
320
400
480
850
950
SL1021A420
SL1024A420
SL1021B420
SL1024B420
345
420
500
SL1021A450
SL1024A450
SL1021B450
SL1024B450
360
450
540
900
1000
SL1021A500
SL1024A500
SL1021B500
SL1024B500
400
500
600
950
1100
SL1021A600
SL1024A600
480
600
720
1000
1200
NOTES:
*Max capacitance is 1.5 pF, measured at 1 MHz.
1. Total current through centre electrode, tested in accordance with ITU-T Rec K.12
2. SL A series
3. SL B series & PMT 8 series


유사한 부품 번호 - SL1021B145

제조업체부품명데이터시트상세설명
logo
Littelfuse
SL1021B145 LITTELFUSE-SL1021B145 Datasheet
204Kb / 3P
   Gas Discharge Tubes
SL1021B145 LITTELFUSE-SL1021B145 Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021B145 LITTELFUSE-SL1021B145 Datasheet
200Kb / 6P
   Gas Discharge Tube (GDT) Products SL1021A/B, SL1024A/B and PMT8 Series
SL1021B145 LITTELFUSE-SL1021B145 Datasheet
185Kb / 5P
   SL1021AB, SL1024AB and PMT8 Series
SL1021B145 LITTELFUSE-SL1021B145 Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
More results

유사한 설명 - SL1021B145

제조업체부품명데이터시트상세설명
logo
Littelfuse
PMT823014F LITTELFUSE-PMT823014F Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021B090C LITTELFUSE-SL1021B090C Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021A600RF LITTELFUSE-SL1021A600RF Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
574481 LITTELFUSE-574481 Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021A090R LITTELFUSE-SL1021A090R Datasheet
200Kb / 6P
   Gas Discharge Tube (GDT) Products SL1021A/B, SL1024A/B and PMT8 Series
SL1024B090RF LITTELFUSE-SL1024B090RF Datasheet
185Kb / 5P
   SL1021AB, SL1024AB and PMT8 Series
SL1011A075A LITTELFUSE-SL1011A075A Datasheet
684Kb / 6P
   SL1011A/B and SL1411A Series
SL1011A350A LITTELFUSE-SL1011A350A Datasheet
420Kb / 6P
   SL1011A/B and SL1411A Series
logo
Tyco Electronics
B11LS MACOM-B11LS Datasheet
55Kb / 1P
   CONNECTORS B SERIES
logo
Keysight Technologies
DSO1000A KEYSIGHT-DSO1000A Datasheet
1Mb / 15P
   DSO1000A/B Series
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com