전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FGB20N6S2D 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FGB20N6S2D
상세설명  600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGB20N6S2D 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FGB20N6S2D Datasheet HTML 1Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 2Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 3Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 4Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 5Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 6Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 7Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 8Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©2002 Fairchild Semiconductor Corporation
FGH20N6S2D / FGP20N6S2D / FGB20N6S2D Rev. A1
Figure 13. Transfer Characteristic
Figure 14. Gate Charge
Figure 15. Total Switching Loss vs Case
Temperature
Figure 16. Total Switching Loss vs Gate
Resistance
Figure 17. Capacitance vs Collector to Emitter
Voltage
Figure 18. Collector to Emitter On-State Voltage vs
Gate to Emitter Voltage
Typical Performance Curves (Continued)
0
20
40
VGE, GATE TO EMITTER VOLTAGE (V)
60
120
TJ = 125
oC
TJ = -55
oC
100
80
TJ = 25
oC
PULSE DURATION = 250
µs
DUTY CYCLE < 0.5%, VCE = 10V
6
8
10
12
14
16
4
QG, GATE CHARGE (nC)
IG(REF) = 1mA, RL = 42.6Ω, TJ = 25
oC
VCE = 200V
VCE = 600V
VCE = 400V
5
101520
25
35
030
6
4
8
0
16
12
10
14
2
TC, CASE TEMPERATURE (
oC)
RG = 25Ω, L = 500µH, VCE = 390V, VGE = 15V
ICE = 14A
ETOTAL = EON2 + EOFF
ICE = 7A
ICE = 3A
0.2
0
0.8
0.6
0.4
50
25
75
100
125
150
RG, GATE RESISTANCE (Ω)
ETOTAL = EON2 + EOFF
TJ = 125
oC, L = 500
µH, V
CE = 390V, VGE = 15V
0.1
0.05
10
1
ICE = 14A
1
10
100
1000
ICE = 7A
ICE = 3A
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
CRES
0
10
203040
50
0.0
0.4
1.2
0.8
FREQUENCY = 1MHz
COES
CIES
60
70
80
90
100
0.2
0.6
1.0
VGE, GATE TO EMITTER VOLTAGE (V)
6
2.0
9
2.2
2.6
2.4
810
11
12
16
2.8
PULSE DURATION = 250
µs, T
J = 25
oC
3.6
713
14
15
DUTY CYCLE < 0.5%
ICE = 14A
5
ICE = 3A
ICE = 7A
3.0
3.2
3.4


유사한 부품 번호 - FGB20N6S2D

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FGB20N6S2D FAIRCHILD-FGB20N6S2D Datasheet
232Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
More results

유사한 설명 - FGB20N6S2D

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FGK60N6S2D FAIRCHILD-FGK60N6S2D Datasheet
185Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH40N6S2D FAIRCHILD-FGH40N6S2D Datasheet
208Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGB30N6S2DT FAIRCHILD-FGB30N6S2DT Datasheet
287Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH20N6S2D FAIRCHILD-FGH20N6S2D Datasheet
232Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH30N6S2D FAIRCHILD-FGH30N6S2D Datasheet
281Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH50N6S2D FAIRCHILD-FGH50N6S2D Datasheet
195Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com