전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5242 데이터시트(PDF) 1 Page - GOOD-ARK Electronics

부품명 1N5242
상세설명  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

1N5242 데이터시트(HTML) 1 Page - GOOD-ARK Electronics

  1N5242 Datasheet HTML 1Page - GOOD-ARK Electronics 1N5242 Datasheet HTML 2Page - GOOD-ARK Electronics 1N5242 Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Note:
(1) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
Features
1N5221 THRU 1N5281
SILICON PLANAR ZENER DIODES
Silicon Planar Zener Diodes
Standard Zener voltage tolerance is
20%. Add suffix “A”
for
10% tolerance and suffix “B” for
5% tolerance.
Other tolerances, non standard and higher Zener voltages
upon request.
Absolute Maximum Ratings (T
a=25
)
1
Symbols
Values
Units
Zener current see Table "Characteristics"
Power dissipation at T
amb=75
P
tot
500 1)
mW
Junction temperature
T
j
200
Storage temperature range
T
S
-65 to +200
Note:
(1) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
Characteristics at T
amb=25
Symbols
Min.
Typ.
Max.
Units
Thermal resistance
junction to ambient Air
R
thA
-
-
0.3 1)
K/mW
Forward voltage at I
F=200mA
V
F
--
1.1
V
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
-
0.154
-
3.9
B
-
0.075
-
1.9
C
-
0.020
-
0.52
D
1.083
-
27.50
-


유사한 부품 번호 - 1N5242

제조업체부품명데이터시트상세설명
logo
Surge Components
1N5242 SURGE-1N5242 Datasheet
88Kb / 2P
   SILICON PLANAR ZENER DIODES?
logo
Jinan Jingheng (Group) ...
1N5242 JINANJINGHENG-1N5242 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Nantong Hornby Electron...
1N5242 HORNBY-1N5242 Datasheet
571Kb / 6P
   SILICON ZENER DIODES
logo
Seme LAB
1N5242 SEME-LAB-1N5242 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Micro Commercial Compon...
1N5242 MCC-1N5242 Datasheet
393Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results

유사한 설명 - 1N5242

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com