전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC62D723FG 데이터시트(PDF) 11 Page - Marktech Corporate

부품명 TC62D723FG
상세설명  16-Output constant current LED driver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MARKTECH [Marktech Corporate]
홈페이지  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TC62D723FG 데이터시트(HTML) 11 Page - Marktech Corporate

Back Button TC62D723FG Datasheet HTML 7Page - Marktech Corporate TC62D723FG Datasheet HTML 8Page - Marktech Corporate TC62D723FG Datasheet HTML 9Page - Marktech Corporate TC62D723FG Datasheet HTML 10Page - Marktech Corporate TC62D723FG Datasheet HTML 11Page - Marktech Corporate TC62D723FG Datasheet HTML 12Page - Marktech Corporate TC62D723FG Datasheet HTML 13Page - Marktech Corporate TC62D723FG Datasheet HTML 14Page - Marktech Corporate TC62D723FG Datasheet HTML 15Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
TC62D723FG
2012-01-30
11
8-3-1) S2 command (Input of the output ON/OFF data.)
When this function is not used, this input is unnecessary.
Operation) In the number of SCK pulses at TRANS="H" is 7 or 8, the following operation is executed.
Input of the output ON/OFF data.
Even if PWM data is not changed to 0 settings, ON/OFF of the output can be controlled.
Note) About the output operation when this command is input while PWM output.
1. When the PWM counter is the synchronous mode. Note1
The setting of this command is reflected in the next PWM output.
2. When the PWM counter is the asynchronous mode. Note1
The setting of this command is reflected immediately.
The PWM counter synchronization function is set by S6 command.
Basic input pattern of S2 command)
Note1: PWM output synchronization PWM resolution is set by the S6 command.
Default setting is “Synchronous mode”.
8-3-2) Input form of the output ON/OFF data
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
15
OUT
14
OUT
13
OUT
12
OUT
11
OUT
10
OUT
9
OUT
8
OUT
7
OUT
6
OUT
5
OUT
4
OUT
3
OUT
2
OUT
1
OUT
0
OUT
D15 to D0 is serial-data-inputted at MSB first.
The output ON/OFF data setting
Input Data
Setting
1
Output operates according to PWM data setting. (Default)
0
Output turn off


유사한 부품 번호 - TC62D723FG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC62D723FG TOSHIBA-TC62D723FG Datasheet
715Kb / 44P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
logo
Marktech Corporate
TC62D723FG MARKTECH-TC62D723FG_15 Datasheet
715Kb / 44P
   16-Output constant current LED driver
More results

유사한 설명 - TC62D723FG

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
TC62D748CFNAG MARKTECH-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FTAG MARKTECH-TC62D723FTAG_15 Datasheet
754Kb / 44P
   16-Output constant current LED driver
TC62D748CFNAG MARKTECH-TC62D748CFNAG_15 Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FNAG MARKTECH-TC62D723FNAG_15 Datasheet
787Kb / 44P
   16-Output constant current LED driver
logo
Toshiba Semiconductor
TC62D748AFG TOSHIBA-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
logo
Marktech Corporate
TC62D723FTBG MARKTECH-TC62D723FTBG Datasheet
760Kb / 44P
   16-Output constant current LED driver
TC62D723FNG MARKTECH-TC62D723FNG Datasheet
734Kb / 44P
   16-Output constant current LED driver
TC62D749CFNAG MARKTECH-TC62D749CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748AFG MARKTECH-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com