전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC62D723FNG 데이터시트(PDF) 10 Page - Marktech Corporate

부품명 TC62D723FNG
상세설명  16-Output constant current LED driver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MARKTECH [Marktech Corporate]
홈페이지  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TC62D723FNG 데이터시트(HTML) 10 Page - Marktech Corporate

Back Button TC62D723FNG Datasheet HTML 6Page - Marktech Corporate TC62D723FNG Datasheet HTML 7Page - Marktech Corporate TC62D723FNG Datasheet HTML 8Page - Marktech Corporate TC62D723FNG Datasheet HTML 9Page - Marktech Corporate TC62D723FNG Datasheet HTML 10Page - Marktech Corporate TC62D723FNG Datasheet HTML 11Page - Marktech Corporate TC62D723FNG Datasheet HTML 12Page - Marktech Corporate TC62D723FNG Datasheet HTML 13Page - Marktech Corporate TC62D723FNG Datasheet HTML 14Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
TC62D723FNG
2012-01-30
10
8-2-2) Output form of the output open/short detection result data
It is transmitted to 16 bit-shift register in the following form.
MSB
LSB
E15
E14
E13
E12
E11
E10
E9
E8
E7
E6
E5
E4
E3
E2
E1
E0
15
OUT
14
OUT
13
OUT
12
OUT
11
OUT
10
OUT
9
OUT
8
OUT
7
OUT
6
OUT
5
OUT
4
OUT
3
OUT
2
OUT
1
OUT
0
OUT
Error code (when output open detection function is effective)
The state of output
Error code
Condition of output
VOOD ≥ VDS
0
Open
VOOD < VDS
1
Normal
Error code (when output short detection function is effective)
The state of output
Error code
Condition of output
VOSD ≤ VDS
0
short-circuit
VOSD > VDS
1
Normal
Error code (when output open/short detection function is effective)
The state of output
Error code
Condition of output
VOOD ≥ VDS or VOSD ≤ VDS
0
Open or short-circuit
VOOD < VDS or VOSD > VDS
1
Normal
When both output error detection function is effective, Open and short-circuit are indistinguishable.
When internal PWM count is 1 to 21, the output open/short detection automatic operation is done.
When the output is off during the output open/short detection execution, the error code becomes "1".
Setting of
PWM output mode
Setting of
PWM bits number
The PWM step that becomes error code "1"
without relations in the state of the output pin.
16 bit PWM setting
14 bit PWM setting
12 bit PWM setting
Normal
PWM output mode
10 bit PWM setting
0 to 20 PWM step setting
16 bit PWM setting
14 bit PWM setting
12 bit PWM setting
0 to 2560 PWM step setting
Division
PWM output mode
10 bit PWM setting
0 to 960 PWM step setting
The above table is unrelated at the time of the output open/short detection manual operation by S3 command.


유사한 부품 번호 - TC62D723FNG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC62D723FNG TOSHIBA-TC62D723FNG Datasheet
734Kb / 44P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
logo
Marktech Corporate
TC62D723FNG MARKTECH-TC62D723FNG_15 Datasheet
734Kb / 44P
   16-Output constant current LED driver
More results

유사한 설명 - TC62D723FNG

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
TC62D748CFNAG MARKTECH-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FTAG MARKTECH-TC62D723FTAG_15 Datasheet
754Kb / 44P
   16-Output constant current LED driver
TC62D748CFNAG MARKTECH-TC62D748CFNAG_15 Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FNAG MARKTECH-TC62D723FNAG_15 Datasheet
787Kb / 44P
   16-Output constant current LED driver
logo
Toshiba Semiconductor
TC62D748AFG TOSHIBA-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
logo
Marktech Corporate
TC62D723FTBG MARKTECH-TC62D723FTBG Datasheet
760Kb / 44P
   16-Output constant current LED driver
TC62D749CFNAG MARKTECH-TC62D749CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748AFG MARKTECH-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com