전자부품 데이터시트 검색엔진 |
|
ADC084S021CIMM 데이터시트(PDF) 1 Page - Texas Instruments |
|
ADC084S021CIMM 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 27 page ADC084S021 www.ti.com SNAS279E – APRIL 2005 – REVISED MARCH 2013 ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter Check for Samples: ADC084S021 1 FEATURES DESCRIPTION 2 • Specified Over a Range of Sample Rates. The ADC084S021 is a low-power, four-channel • Four Input Channels CMOS 8-bit analog-to-digital converter with a high- • Variable Power Management speed serial interface. Unlike the conventional practice of specifying performance at a single sample • Single Power Supply with 2.7V - 5.25V Range rate only, the ADC084S021 is fully specified over a sample rate range of 50 ksps to 200 ksps. The APPLICATIONS converter is based upon a successive-approximation • Portable Systems register architecture with an internal track-and-hold circuit. It can be configured to accept up to four input • Remote Data Acquisition signals at inputs IN1 through IN4. • Instrumentation and Control Systems The output serial data is straight binary, and is KEY SPECIFICATIONS compatible with several standards, such as SPI™, QSPI™, MICROWIRE, and many common DSP • DNL: ±0.04 LSB (typ) serial interfaces. • INL: ±0.04 LSB (typ) The ADC084S021 operates with a single supply that • SNR: 49.6 dB (typ) can range from +2.7V to +5.25V. Normal power • Power Consumption consumption using a +3V or +5V supply is 1.6 mW and 5.8 mW, respectively. The power-down feature – 3V Supply: 1.6 mW (typ) reduces the power consumption to just 0.12 µW using – 5V Supply: 5.8 mW (typ) a +3V supply, or 0.35 µW using a +5V supply. The ADC084S021 is packaged in a 10-lead VSSOP package. Operation over the industrial temperature range of −40°C to +85°C is ensured. Table 1. Pin-Compatible Alternatives by Resolution and Speed Resolution Specified for Sample Rate Range of: 50 to 200 ksps 200 to 500 ksps 500 ksps to 1 Msps 12-bit ADC124S021 ADC124S051 ADC124S101 10-bit ADC104S021 ADC104S051 ADC104S101 8-bit ADC084S021 ADC084S051 ADC084S101 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 All trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 2005–2013, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
유사한 부품 번호 - ADC084S021CIMM |
|
유사한 설명 - ADC084S021CIMM |