전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC084S101 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 ADC084S101
상세설명  ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ADC084S101 데이터시트(HTML) 2 Page - Texas Instruments

  ADC084S101 Datasheet HTML 1Page - Texas Instruments ADC084S101 Datasheet HTML 2Page - Texas Instruments ADC084S101 Datasheet HTML 3Page - Texas Instruments ADC084S101 Datasheet HTML 4Page - Texas Instruments ADC084S101 Datasheet HTML 5Page - Texas Instruments ADC084S101 Datasheet HTML 6Page - Texas Instruments ADC084S101 Datasheet HTML 7Page - Texas Instruments ADC084S101 Datasheet HTML 8Page - Texas Instruments ADC084S101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
IN1
IN4
MUX
T/H
SCLK
VA
GND
CS
DIN
DOUT
CONTROL
LOGIC
10-Bit
SUCCESSIVE
APPROXIMATION
ADC
.
.
.
GND
ADC104S101
SNAS284F – FEBRUARY 2005 – REVISED MARCH 2013
www.ti.com
Block Diagram
Pin Descriptions and Equivalent Circuits
Pin No.
Pin Name
Description
ANALOG I/O
4-7
IN1 to IN4
Analog inputs. These signals can range from 0V to VA.
DIGITAL I/O
10
SCLK
Digital clock input. This clock directly controls the conversion and readout processes.
Digital data output. The output samples are clocked out of this pin on falling edges of the
9
DOUT
SCLK pin.
Digital data input. The ADC104S101's Control Register is loaded through this pin on rising
8
DIN
edges of the SCLK pin.
Chip select. On the falling edge of CS, a conversion process begins. Conversions continue
1
CS
as long as CS is held low.
POWER SUPPLY
Positive supply pin. This pin should be connected to a quiet +2.7V to +5.25V source and
2
VA
bypassed to GND with a 1 µF capacitor and a 0.1 µF monolithic capacitor located within 1
cm of the power pin.
3
GND
The ground return for the supply and signals.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC104S101


유사한 부품 번호 - ADC084S101

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC084S101 NSC-ADC084S101 Datasheet
964Kb / 19P
   4 Channel, 1 MSPS, 10-Bit A/D Converter
ADC084S101 NSC-ADC084S101 Datasheet
909Kb / 19P
   4 Channel, 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC084S101 TI-ADC084S101 Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
ADC084S101 TI-ADC084S101 Datasheet
1Mb / 28P
[Old version datasheet]   ADC084S051 4 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC084S101 TI-ADC084S101 Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
More results

유사한 설명 - ADC084S101

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC104S101CIMM TI-ADC104S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC102S101 TI1-ADC102S101_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC108S102 TI1-ADC108S102_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC102S101CIMMX TI1-ADC102S101CIMMX Datasheet
1Mb / 28P
[Old version datasheet]   ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC108S102 TI1-ADC108S102_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC108S102 8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC102S101 TI1-ADC102S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC084S101CIMM TI1-ADC084S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC084S101 TI1-ADC084S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC124S101CIMMX TI-ADC124S101CIMMX Datasheet
1Mb / 27P
[Old version datasheet]   ADC124S101 4 Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com