전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4913A 데이터시트(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

부품명 1N4913A
상세설명  12.8 VOLT NOMINAL ZENER VOLTAGE 짹 5%
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
홈페이지  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

1N4913A 데이터시트(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  1N4913A Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


유사한 부품 번호 - 1N4913A

제조업체부품명데이터시트상세설명
logo
Compensated Deuices Inc...
1N4913A CDI-DIODE-1N4913A Datasheet
65Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N4913A MICROSEMI-1N4913A Datasheet
75Kb / 2P
   12.8 VOLT LOW NOISE TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
New Jersey Semi-Conduct...
1N4913A NJSEMI-1N4913A Datasheet
34Kb / 1P
   Diode
logo
Digitron Semiconductors
1N4913A DIGITRON-1N4913A Datasheet
296Kb / 4P
   12.8V TEMPERATURE COMPENSATED ZENER DIODE
More results

유사한 설명 - 1N4913A

제조업체부품명데이터시트상세설명
logo
Compensated Deuices Inc...
CDLL4765 CDI-DIODE-CDLL4765 Datasheet
111Kb / 2P
   9.1 VOLT NOMINAL ZENER VOLTAGE 5%
CD935 CDI-DIODE-CD935 Datasheet
167Kb / 2P
   9.0 VOLT NOMINAL ZENER VOLTAGE 5%
1N4916 CDI-DIODE-1N4916 Datasheet
77Kb / 2P
   19.2 VOLT NOMINAL ZENER VOLTAGE 5%
1N4775 CDI-DIODE-1N4775 Datasheet
71Kb / 2P
   8.5 VOLT NOMINAL ZENER VOLTAGE 5%
1N4565A CDI-DIODE-1N4565A Datasheet
243Kb / 2P
   6.4 VOLT NOMINAL ZENER VOLTAGE 5%
CD3154 CDI-DIODE-CD3154 Datasheet
106Kb / 2P
   8.4 VOLT NOMINAL ZENER VOLTAGE 5%
1N4765 CDI-DIODE-1N4765 Datasheet
112Kb / 2P
   9.1 VOLT NOMINAL ZENER VOLTAGE 5%
1N935 CDI-DIODE-1N935 Datasheet
107Kb / 2P
   9.0 VOLT NOMINAL ZENER VOLTAGE
1N941 CDI-DIODE-1N941 Datasheet
112Kb / 2P
   11.7 VOLT NOMINAL ZENER VOLTAGE
1N4057 CDI-DIODE-1N4057 Datasheet
50Kb / 2P
   12.4 THRU 200 VOLT NOMINAL ZENER VOLTAGES 5%
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com