전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDBZ31060-HF 데이터시트(PDF) 2 Page - Comchip Technology

부품명 CDBZ31060-HF
상세설명  SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBZ31060-HF 데이터시트(HTML) 2 Page - Comchip Technology

  CDBZ31060-HF Datasheet HTML 1Page - Comchip Technology CDBZ31060-HF Datasheet HTML 2Page - Comchip Technology CDBZ31060-HF Datasheet HTML 3Page - Comchip Technology CDBZ31060-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QW-JB045
RATING AND CHARACTERISTIC CURVES (CDBZ31060-HF)
Comchip Technology CO., LTD.
Page 2
REV:A
SMD Schottky Barrier Rectifiers
Company reserves the right to improve product design , functions and reliability without notice.
Fig.1 - Forwafd Current Derating Curve
Fig.3 - Typical Instantaneous
Forward Characteristics
10
8
6
4
2
0
0
25
50
75
100
125
150
175
Case Temperature, (°C)
Instantaneous Forward Volgate, (V)
Fig.2 - Maximum Non-Repetitive Peak
Forward Surge Current
Number Of Cycles At 60Hz
8.3ms SINGLE HALF SINE-WAVE
0
40
20
100
60
80
120
140
200
160
180
1
10
100
Fig.4 - Typical Reverse Characteristics
Percent Of Rated Peak Reverse Voltage, (%)
0.0001
0.001
0.01
100
0.1
1.0
10
0
20
40
60
80
100
0.10
1.00
50.00
10.00
0.01
0.2
0.1
0
0.4
0.3
0.6
0.7
0.5
0.8
TJ = 150°C
TJ = 125°C
TJ = 100°C
TJ = 25°C
TJ=25°C
TJ=150°C
TJ=125°
C
TJ=100°C


유사한 부품 번호 - CDBZ31060-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBZ31060-HF COMCHIP-CDBZ31060-HF Datasheet
591Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ31060-HF COMCHIP-CDBZ31060-HF_15 Datasheet
591Kb / 4P
   SMD Schottky Barrier Rectifiers
More results

유사한 설명 - CDBZ31060-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBZ320200-HF COMCHIP-CDBZ320200-HF Datasheet
480Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBAT320-HF COMCHIP-CDBAT320-HF_15 Datasheet
661Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMHS240-HF COMCHIP-CDBMHS240-HF Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SL22B DSK-SL22B Datasheet
93Kb / 2P
   SMD SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
   SMD Schottky Barrier Rectifiers
CDBA120-HF COMCHIP-CDBA120-HF Datasheet
69Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBA260-HF COMCHIP-ACDBA260-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBC540-HF COMCHIP-ACDBC540-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBM120-HF COMCHIP-CDBM120-HF_12 Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com