전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

G1116 데이터시트(PDF) 2 Page - Hamamatsu Corporation

부품명 G1116
상세설명  GaAsP photodiode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMAMATSU [Hamamatsu Corporation]
홈페이지  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G1116 데이터시트(HTML) 2 Page - Hamamatsu Corporation

  G1116 Datasheet HTML 1Page - Hamamatsu Corporation G1116 Datasheet HTML 2Page - Hamamatsu Corporation G1116 Datasheet HTML 3Page - Hamamatsu Corporation G1116 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAsP photodiode
Diffusion type
0
0.1
0.2
0.3
0.4
0.5
200
400
600
WAVELENGTH (nm)
800
(Typ. Ta=25 ˚C)
WAVELENGTH (nm)
(Typ.)
400
200
-0.5
0
+0.5
+1.5
+1.0
600
800
LOAD RESISTANCE (
)
(Typ. Ta=25 ˚C, VR=0 V)
10
3
10
4
10
2
100
ns
1
µs
10
ms
1
ms
100
µs
10
µs
10
5
10
6
G1116
G1117, G1120
G1115, G1118
G3067, G2711-01
REVERSE VOLTAGE (V)
(Typ. Ta=25 ˚C)
0.01
0.1
0.001
100
fA
1
pA
1
nA
100
pA
10
pA
110
G1116
G1115, G1118
G2711-01, G3067
G1117, G1120
AMBIENT TEMPERATURE (˚C)
(Typ. VR=10 mV)
020
-20
10 M
1 G
100 M
10 T
1 T
100 G
10 G
40
60
80
G1116
G1115, G1118
G3067, G2711-01
G1117, G1120
INCIDENT LIGHT LEVEL (lx)
(Typ. Ta=25 ˚C, A light source fully illuminated)
10
-14
10
-12
10
-10
10
-8
10
-6
10
-4
10
-2
10
-16
10
-16
10
-12
10
-14
10
0
10
-2
10
-4
10
-6
10
-8
10
-10
10
0
Refer to NEP value in characteristic table.
RL=100
s
s
s
s
s
Spectral response
KGPDB0019EA
s
s
s
s
s
Photo sensitivity temperature characteristic
KGPDB0020EA
s
s
s
s
s
Rise time vs. load resistance
KGPDB0021EA
s
s
s
s
s
Dark current vs. reverse voltage
KGPDB0022EA
s
s
s
s
s
Shunt resistance vs. ambient temperature
KGPDB0023EA
s
s
s
s
s
Short circuit current linearity
KGPDB0008EA


유사한 부품 번호 - G1116

제조업체부품명데이터시트상세설명
logo
GTM CORPORATION
G1116 GTM-G1116 Datasheet
248Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G1116 ETL-G1116 Datasheet
253Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
G1116 ETC2-G1116 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
G1116 ETC2-G1116 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
logo
Heyco.
G1116 HEYCO-G1116 Datasheet
91Kb / 1P
   Rubber Grommets
More results

유사한 설명 - G1116

제조업체부품명데이터시트상세설명
logo
Hamamatsu Corporation
G5645 HAMAMATSU-G5645 Datasheet
148Kb / 4P
   GaAsP photodiode
G1126-02 HAMAMATSU-G1126-02 Datasheet
170Kb / 4P
   GaAsP photodiode
G1735 HAMAMATSU-G1735 Datasheet
176Kb / 4P
   GaAsP photodiode
G1746 HAMAMATSU-G1746 Datasheet
134Kb / 4P
   GaAsP photodiode
logo
Panasonic Semiconductor
LNG4B4NPY PANASONIC-LNG4B4NPY Datasheet
29Kb / 1P
   4.8 mm GaAsP
logo
OSA Opto Light GmbH
180622 OSA-180622 Datasheet
54Kb / 1P
   GaAsP / GaP LED Chips
logo
BRIGHT LED ELECTRONICS ...
BL-B3134-AA-AV BRIGHT-BL-B3134-AA-AV Datasheet
145Kb / 3P
   Chip material: GaAsP/GaP
BL-B3134-S-AT BRIGHT-BL-B3134-S-AT Datasheet
136Kb / 3P
   Chip material: GaAsP /GaP
logo
List of Unclassifed Man...
TL0143 ETC1-TL0143 Datasheet
277Kb / 1P
   GaAsP ORANGE LIGHT EMISSION
logo
Siemens Semiconductor G...
RP-12C SIEMENS-RP-12C Datasheet
33Kb / 1P
   mask-diffused gaasp led
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com