전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MV08L30T-470 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 MV08L30T-470
상세설명  Multilayer Chip Varistor for Surge
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

MV08L30T-470 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

  MV08L30T-470 Datasheet HTML 1Page - List of Unclassifed Manufacturers MV08L30T-470 Datasheet HTML 2Page - List of Unclassifed Manufacturers MV08L30T-470 Datasheet HTML 3Page - List of Unclassifed Manufacturers MV08L30T-470 Datasheet HTML 4Page - List of Unclassifed Manufacturers MV08L30T-470 Datasheet HTML 5Page - List of Unclassifed Manufacturers MV08L30T-470 Datasheet HTML 6Page - List of Unclassifed Manufacturers MV08L30T-470 Datasheet HTML 7Page - List of Unclassifed Manufacturers MV08L30T-470 Datasheet HTML 8Page - List of Unclassifed Manufacturers MV08L30T-470 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Multilayer Chip Varistor for Surge and
ESD Protection – L Type Series
Document No
TMVL-XXOS001D
Issued date
2014/04/18
Page
6/9
TA-I TECHNOLOGY CO., LTD
8. Recommended land patterns
8.1 Solder pad layout
A
B
C
D
0402
0.4 ~0.6
1.4 ~ 1.8
0.5 ~0.6
0.6 ~ 1.2
0603
0.8 ~1.2
2.2 ~ 2.8
0.6 ~ 1.0
0.9 ~1.5
0805
1.0 ~ 1.5
2.6 ~ 3.2
1.2 ~1.5
1.1 ~ 1.8
1206
1.8 ~ 2.5
4.2 ~ 5.2
1.2 ~ 1.8
1.2 ~ 1.8
1812
2.5 ~ 3.3
5.5 ~ 6.7
2.8 ~ 3.6
1.3 ~ 2.2
(Unit:mm)
8.2 The SIR test of the solder paste shall be done(Based on JIS-Z-3284)
8.3 Steel plate and foot distance printing
Foot distance printing(mm/mils)
Steel Plate
>0.65mm/25 mil
0.18mm
0.65mm/25 mils ~0.5mm/20mils
0.15mm
0.5mm/20 mils ~0.40mm/16mils
0.12mm
>=0.40 mm/16 mils
0.10mm


유사한 부품 번호 - MV08L30T-470

제조업체부품명데이터시트상세설명
logo
Vicor Corporation
MV036 VICOR-MV036 Datasheet
678Kb / 10P
   VTM Current Multiplier
MV036F011M100 VICOR-MV036F011M100 Datasheet
678Kb / 10P
   VTM Current Multiplier
MV036F011M100 VICOR-MV036F011M100 Datasheet
711Kb / 10P
   Transformer
MV036F011M100 VICOR-MV036F011M100 Datasheet
1Mb / 10P
   High density
MV036F011M100 VICOR-MV036F011M100 Datasheet
1Mb / 10P
   MV036 SERIES
More results

유사한 설명 - MV08L30T-470

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MV04E050T101 ETC-MV04E050T101 Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
logo
WALSIN TECHNOLOGY CORPO...
MLV_VZ WALSIN-MLV_VZ Datasheet
1,011Kb / 49P
   MULTILAYER CHIP VARISTOR
logo
RFE international
JMV0805S090T781 RFE-JMV0805S090T781 Datasheet
310Kb / 6P
   MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0805 ABRACON-AMCV-0805 Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-1210H ABRACON-AMCV-1210H Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-1210H-300-T ABRACON-AMCV-1210H-300-T Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-0201 ABRACON-AMCV-0201 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com