전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L7893-06 데이터시트(PDF) 1 Page - Hamamatsu Corporation

부품명 L7893-06
상세설명  UV-VIS FIBER LIGHT SOURCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMAMATSU [Hamamatsu Corporation]
홈페이지  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L7893-06 데이터시트(HTML) 1 Page - Hamamatsu Corporation

  L7893-06 Datasheet HTML 1Page - Hamamatsu Corporation L7893-06 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UV-VIS
LIGHT SOURCE
UV-VIS
FIBER LIGHT SOURCE
L7893 SERIES
OVER VIEW
FEATURES
APPLICATIONS
This light source L7893 incorporates a highly
stable Deuterium lamp and a Tungsten lamp
into a single compact housing with an optical
fiber light guide. The combination of these two
lamps covers a wide spectral range from 200
nm to 1100 nm, yet offers highly stable light
output and long service life. This light source
L7893 series is ideal for a compact analytical
equipment such as miniature grating units,
portable spectrophotometers and reflection
meters.
G High Stability
G Long Life: 2000 h
(Deuterium lamp guaranteed life time)
G Compact
G Designed based on EN standard
G Portable Spectrophotometers
G MTP Readers
G Environment Measurement
G Absorption Spectrum Measurement
G Pharmaceuticals Inspection
Comparison of light output stability
(Over light volume) (250 nm)
LFiber is sold separately.
PATENT PENDINNG
TLSOB0059EB
IHAMAMATSU
IOthers manufacturer
20
15
10
5
0
-5
-10
-15
-20
TIME (60 s/div.)
20
15
10
5
0
-5
-10
-15
-20
TIME (60 s/div.)
0.012 %
0.012 %


유사한 부품 번호 - L7893-06

제조업체부품명데이터시트상세설명
logo
Hamamatsu Corporation
L7892-11 HAMAMATSU-L7892-11 Datasheet
131Kb / 2P
   Laser diode
L7892-12 HAMAMATSU-L7892-12 Datasheet
131Kb / 2P
   Laser diode
L7892-21 HAMAMATSU-L7892-21 Datasheet
131Kb / 2P
   Laser diode
L7892-22 HAMAMATSU-L7892-22 Datasheet
131Kb / 2P
   Laser diode
L7892-31 HAMAMATSU-L7892-31 Datasheet
131Kb / 2P
   Laser diode
More results

유사한 설명 - L7893-06

제조업체부품명데이터시트상세설명
logo
Hamamatsu Corporation
L10671 HAMAMATSU-L10671 Datasheet
223Kb / 2P
   COMPACT UV-VIS S2D2 FIBER LIGHT SOURCE
L10671 HAMAMATSU-L10671_15 Datasheet
220Kb / 2P
   COMPACT UV-VIS S2D2 FIBER LIGHT SOURCE
L10290 HAMAMATSU-L10290_15 Datasheet
190Kb / 2P
   HIGH POWER UV-VIS FIBER LIGHT SOURCE
L10290 HAMAMATSU-L10290 Datasheet
141Kb / 2P
   HIGH POWER UV-VIS FIBER LIGHT SOURCE
L12515 HAMAMATSU-L12515_15 Datasheet
159Kb / 2P
   COMPACT UV-VIS S2D2 FIBER LIGHT SOURCE (UV Enhanced Type)
L12848-305 HAMAMATSU-L12848-305_15 Datasheet
1Mb / 2P
   uv cathode emitting light source
logo
IET Labs Inc.
1539 IET-1539 Datasheet
124Kb / 2P
   Stroboslave Light Source
logo
Lumileds Lighting Compa...
LXCL-PWF4 LUMILEDS-LXCL-PWF4 Datasheet
1Mb / 17P
   Power Light Source
LXCL-EL05 LUMILEDS-LXCL-EL05 Datasheet
1Mb / 17P
   Power Light Source
LXCL-EW06 LUMILEDS-LXCL-EW06 Datasheet
1Mb / 17P
   Power Light Source
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com