전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSB772S 데이터시트(PDF) 2 Page - E-Tech Electronics LTD

부품명 GSB772S
상세설명  The GSB772S is designed for using in output stage of 0.75W amplifier, voltage regulator, DC-DC converter and driver.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETL [E-Tech Electronics LTD]
홈페이지  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GSB772S 데이터시트(HTML) 2 Page - E-Tech Electronics LTD

  GSB772S Datasheet HTML 1Page - E-Tech Electronics LTD GSB772S Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATION
2/2
ISSUED DATE :2004/09/13
REVISED DATE :2004/11/29B
Characteristics Curve
Important Notice:
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM.
GTM reserves the right to make changes to its products without notice.
GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems.
GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C.
TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785
China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China
TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165


유사한 부품 번호 - GSB772S

제조업체부품명데이터시트상세설명
logo
GTM CORPORATION
GSB772S GTM-GSB772S Datasheet
127Kb / 2P
   PNP EPITAXIAL PLANAR TRANSISTOR
GSB772SS GTM-GSB772SS Datasheet
275Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
GSB772SS ETL-GSB772SS Datasheet
278Kb / 3P
   The GSB772SS is a medium power low voltage transistor, designed for audio power amplifier, DC-DC converter and voltage regulator
More results

유사한 설명 - GSB772S

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
HSD882S HSMC-HSD882S_06 Datasheet
59Kb / 5P
   The HSD882S is suited for the output stage of 0.75W audio, voltage regulator, and relay driver.
logo
NEC
2SD882 NEC-2SD882 Datasheet
165Kb / 2P
   NPN(for the output stage of 3 watts audio amplifier, voltage regulator, DC-DC converter and relay driver)
logo
Guilin Strong Micro-Ele...
GMD882 GSME-GMD882 Datasheet
256Kb / 3P
   NPN Si transistor suited for the output stage of 3W audio amplifier, voltage regulator, DC-DC converter and relay driver
GMB772 GSME-GMB772 Datasheet
256Kb / 3P
   PNP Si transistor suited for the output stage of 3W audio amplifier, voltage regulator, DC-DC converter and relay driver
logo
E-Tech Electronics LTD
GSA1015 ETL-GSA1015 Datasheet
145Kb / 2P
   The GSA1015 is designed for use in driver stage of AF amplifier and general purpose applications.
GSA1576A ETL-GSA1576A Datasheet
384Kb / 3P
   The GSA1576A is designed for use in driver stage of AF amplifier and general purpose amplification.
GSB772SS ETL-GSB772SS Datasheet
278Kb / 3P
   The GSB772SS is a medium power low voltage transistor, designed for audio power amplifier, DC-DC converter and voltage regulator
logo
MORNSUN Science& Techno...
IB0503XT-W75R3 MORNSUN-IB0503XT-W75R3 Datasheet
622Kb / 4P
   0.75W isolated DC-DC converter with Fixed Input Voltage and Regulated Single Output
IB0503S-W75R3 MORNSUN-IB0503S-W75R3 Datasheet
617Kb / 4P
   0.75W isolated DC-DC converter with Fixed Input Voltage and Regulated Single Output
logo
E-Tech Electronics LTD
GSA684 ETL-GSA684 Datasheet
146Kb / 1P
   The GSA684 is designed for power amplifier and driver
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com