전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6564TD 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 L6564TD
상세설명  10-pin transition-mode PFC controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6564TD 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button L6564TD Datasheet HTML 7Page - STMicroelectronics L6564TD Datasheet HTML 8Page - STMicroelectronics L6564TD Datasheet HTML 9Page - STMicroelectronics L6564TD Datasheet HTML 10Page - STMicroelectronics L6564TD Datasheet HTML 11Page - STMicroelectronics L6564TD Datasheet HTML 12Page - STMicroelectronics L6564TD Datasheet HTML 13Page - STMicroelectronics L6564TD Datasheet HTML 14Page - STMicroelectronics L6564TD Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
L6564T
Electrical characteristics
Doc ID 022671 Rev 1
11/33
Voltage feedforward
VVFF
Linear operation range
1
3
V
∆V
Dropout VMULTpk-VVFF
Vcc < VccOn
850
mV
Vcc > or = to VccOn
20
∆V
VFF
Line drop detection thresh.
Below peak value
30
70
110
mV
∆V
VFF
Line drop detection thresh.
Below peak value Tj =25°C
50
70
90
mV
RDISCH
Internal discharge resistor
Tj = 25 °C
7.5
10
12.5
k
520
VDIS
Disable threshold
(2) Voltage falling
0.725
0.8
0.875
V
VEN
Enable threshold
(2) Voltage rising
0.845 0.88 0.915
V
Zero current detector
VZCDH
Upper clamp voltage
IZCD = 2.5 mA
5.0
5.7
V
VZCDL
Lower clamp voltage
IZCD = - 2.5 mA
-0.3
0
0.3
V
VZCDA
Arming voltage
(positive-going edge)
1.1
1.4
1.9
V
VZCDT
Triggering voltage
(negative-going edge)
0.5
0.7
1
V
IZCDb
Input bias current
VZCD = 1 to 4.5 V
1
µA
IZCDsrc
Source current capability
-2.0
-4
mA
IZCDsnk
Sink current capability
2.0
5
mA
Gate driver
VOL
Output low voltage
Isink = 100 mA
0.6
1.4
V
VOH
Output high voltage
Isource = 5 mA
9.5
10.3
V
Isrcpk
Peak source current
-0.6
A
Isnkpk
Peak sink current
0.8
A
tf
Voltage fall time
30
60
ns
tr
Voltage rise time
45
150
ns
VOclamp
Output clamp voltage
Isource = 5 mA; Vcc = 20 V
10
12
15
V
UVLO saturation
Vcc= 0 to VCCon, Isink= 2 mA
1.2
V
1.
Parameters tracking each other.
2.
The multiplier output is given by:
3.
Parameters tracking each other.
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit
()
2
VFF
V
5
.
2
COMP
V
MULT
V
K
V
cs
V
M
CS_Ofst
+
=


유사한 부품 번호 - L6564TD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6564T STMICROELECTRONICS-L6564T Datasheet
680Kb / 33P
   10-pin transition-mode PFC controller
More results

유사한 설명 - L6564TD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6564T STMICROELECTRONICS-L6564T Datasheet
680Kb / 33P
   10-pin transition-mode PFC controller
L6564 STMICROELECTRONICS-L6564 Datasheet
815Kb / 34P
   10 pin transition-mode PFC controller
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
   Transition-mode PFC controller
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
   Transition-mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
   TRANSITION-MODE PFC CONTROLLER
logo
Texas Instruments
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
UCC28056 TI1-UCC28056 Datasheet
1Mb / 44P
[Old version datasheet]   6-Pin Single-Phase Transition-Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com