전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS32 데이터시트(PDF) 4 Page - Orister Corporation

부품명 SS32
상세설명  3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ORISTER [Orister Corporation]
홈페이지  http://www.orister.com
Logo ORISTER - Orister Corporation

SS32 데이터시트(HTML) 4 Page - Orister Corporation

  SS32 Datasheet HTML 1Page - Orister Corporation SS32 Datasheet HTML 2Page - Orister Corporation SS32 Datasheet HTML 3Page - Orister Corporation SS32 Datasheet HTML 4Page - Orister Corporation SS32 Datasheet HTML 5Page - Orister Corporation SS32 Datasheet HTML 6Page - Orister Corporation SS32 Datasheet HTML 7Page - Orister Corporation SS32 Datasheet HTML 8Page - Orister Corporation SS32 Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Page No. : 4/10
DS‐RS6507‐02    February, 2010 
www.Orister.com
Electrical Characteristics (VIN=12V, TA=25°C, unless otherwise specified) 
Symbol 
Parameter 
Conditions 
Min. 
Typ. 
Max.
Unit
VIN 
Input Voltage ‐ 
4.75 ‐ 
20 
VFB 
Feedback Voltage 
4.75V ≤ VIN ≤ 20V 
0.898  0.925  0.952
RDS(ON)1 
Upper Switch On Resistance ‐ 
‐ 
0.22 ‐ 
Ω 
RDS(ON)2 
Lower Switch On Resistance ‐ 
‐ 
10 ‐ 
Ω 
ISw 
Upper Switch Leakage 
VEN = 0V, VSW = 0V ‐ 
‐ 
10 
uA 
ILIM 
Current Limit 
(NOTE 1) ‐ 
‐ 
4.5 ‐ 
GCS 
Current Sense Transconductance Output 
Current to Comp Pin Voltage 
‐ 
‐ 
1.95 ‐ 
A/V 
AVEA 
Error Amplifier Voltage Gain ‐ 
‐ 
400 ‐ 
V/V 
GEA 
Error Amplifier Transconductance ‐ 
550 
830 
1150
uA/V
FS 
Oscillator Frequency ‐ 
‐ 
400 ‐ 
KHz 
FOSC1 
Short Circuit Frequency 
VFB = 0V ‐ 
240 ‐ 
KHz 
‐ 
Soft‐Start Pin Equivalent Output Resistance ‐ 
‐ 
9 ‐ 
KΩ 
DMAX 
Maximum Duty Cycle 
VFB = 1.0V ‐ 
90 ‐ 
tON 
Minimum On Time ‐ 
‐ 
100 ‐ 
ns 
‐ 
EN Shutdown Threshold 
ICC>100uA 
0.7 
1.0 
1.3 
‐ 
Enable Pull Up Current 
VEN = 0V ‐ 
1.0 ‐ 
uA 
‐ 
EN UVLO Threshold Rising 
VIN Rising 
2.35 
2.50 
2.65
‐ 
EN UVLO Threshold Hysteresis ‐ 
‐ 
210 ‐ 
mV 
ISD 
Supply Current (Shutdown) 
VIN ≤0.4V ‐ 
23 
36 
uA 
IQ 
Supply Current (Quiescent) 
VEN ≥3V ‐ 
1.1 
1.3 
mA 
TSD 
Thermal Shutdown ‐ 
‐ 
160 ‐ 
o
Notes: 
1.
Slope compensation changes current limit above 40% duty cycle. 
2.
Stresses  listed  as  the  above  "Absolute  Maximum  Ratings"  may  cause  permanent  damage  to  the  device.  These  are  for 
stress  ratings.  Functional  operation  of  the  device  at  these  or  any  other  conditions  beyond  those  indicated  in  the 
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended 
periods may remain possibility to affect device reliability. 
3.
Devices are ESD sensitive. Handling precaution is recommended. 
4.
The device is not guaranteed to function outside its operating conditions. 
5.
θJA is measured in the natural convection at TA = 25°C on a high effective four layers thermal conductivity test board of 
JEDEC 51‐7 thermal measurement standard. 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 


유사한 부품 번호 - SS32

제조업체부품명데이터시트상세설명
logo
Zowie Technology Corpor...
SS32 ZOWIE-SS32 Datasheet
53Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS32 DGNJDZ-SS32 Datasheet
263Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Orister Corporation
SS32 ORISTER-SS32 Datasheet
486Kb / 11P
   2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter
logo
HY ELECTRONIC CORP.
SS32 HY-SS32 Datasheet
412Kb / 3P
   Surface Mount Schottky Barrier Recitifiers
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

유사한 설명 - SS32

제조업체부품명데이터시트상세설명
logo
Orister Corporation
RS6509 ORISTER-RS6509 Datasheet
563Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6519 ORISTER-RS6519 Datasheet
605Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6511 ORISTER-RS6511 Datasheet
602Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6517 ORISTER-RS6517 Datasheet
603Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6510 ORISTER-RS6510 Datasheet
501Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6518 ORISTER-RS6518 Datasheet
543Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6512 ORISTER-RS6512 Datasheet
534Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6509A ORISTER-RS6509A Datasheet
580Kb / 10P
   3A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
RS6511A ORISTER-RS6511A Datasheet
577Kb / 10P
   3A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
RS6508A ORISTER-RS6508A Datasheet
517Kb / 10P
   2A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com