전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMART700HG 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 SMART700HG
상세설명  SmartPro Medical Grade .7kVA 120V Line interactive Tower UPS, full isolation, USB & Serial ports
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SMART700HG 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  SMART700HG Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART700HG Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART700HG Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART700HG Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART700HG Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART700HG Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UPS / Power Module dimensions in
primary form factor (height x width x
depth / cm)
32.4 x 19 x 22.9
UPS / Power Module weight (lbs)
44.2
UPS / Power Module weight (kg)
20.1
UPS Shipping dimensions (height x
width x depth / inches)
18.2 x 11.8 x 13.5
UPS Shipping dimensions (height x
width x depth / cm)
46.4 x 29.8 x 34.3
Shipping weight (lbs)
49
Shipping weight (kg)
22.2
Cooling method
Fan
UPS housing material
PVC
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC mode BTU / hr. (full load)
97.7
Battery mode BTU / hr. (full load)
189.1
AC mode efficiency rating (100%
load)
94%
COMMUNICATIONS
Communications interface
USB; DB9 Serial
Network monitoring port description
Supports detailed monitoring of UPS and site power conditions
PowerAlert software
Included
Communications cable
USB and DB9 serial cabling included
LINE / BATTERY TRANSFER
Transfer time
2-4 milliseconds
Low voltage transfer to battery
power (setpoint)
81
High voltage transfer to battery
power (setpoint)
143
SPECIAL FEATURES
Grounding lug
Grounding lug
Cold Start (startup in battery mode
during a power failure)
Cold-start operation supported
4 / 5


유사한 부품 번호 - SMART700HG

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
SMART700HG TRIPPLITE-SMART700HG_15 Datasheet
489Kb / 5P
   SmartPro 120V 700VA 450W UL60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
More results

유사한 설명 - SMART700HG

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SMX700HG ETC2-SMX700HG Datasheet
494Kb / 4P
   SmartPro Medical Grade .7kVA 230V Line interactive Tower UPS, full isolation, USB & Serial ports
SMART1200XLHG ETC2-SMART1200XLHG Datasheet
502Kb / 7P
   SmartPro Medical Grade 1kVA 120V Line interactive Tower UPS with Extended-run, full isolation, USB & Serial ports
logo
Tripp Lite. All Rights ...
SMART700HG TRIPPLITE-SMART700HG_15 Datasheet
489Kb / 5P
   SmartPro 120V 700VA 450W UL60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART750 ETC2-SMART750 Datasheet
501Kb / 6P
   SmartPro .75kVA Line Interactive UPS, Tower USB 120V
logo
Tripp Lite. All Rights ...
SMART1200XLHG TRIPPLITE-SMART1200XLHG_15 Datasheet
494Kb / 5P
   SmartPro 120V 1kVA 750W UL 60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
SMART1200XLHGL TRIPPLITE-SMART1200XLHGL Datasheet
163Kb / 5P
   SmartPro 120V 1kVA 750W Medical-Grade Line-Interactive Tower UPS with 4 Outlets, Full Isolation, USB, Lithium Battery
SMART1500 TRIPPLITE-SMART1500_15 Datasheet
510Kb / 5P
   SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART2200VS ETC2-SMART2200VS Datasheet
512Kb / 6P
   SmartPro 2.2kVA Line Interactive UPS, SNMPWEBCARD option, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMART2200NET TRIPPLITE-SMART2200NET_15 Datasheet
507Kb / 4P
   SmartPro 120V 2.2kVA 1.7kW Line-Interactive UPS,Tower, 3-DB9 Serial ports
SMART1050 TRIPPLITE-SMART1050_15 Datasheet
502Kb / 5P
   SmartPro 120V 1.05kVA 705W Line-Interactive UPS,Tower, 120V, USB port
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com