전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMART1200XLHG 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 SMART1200XLHG
상세설명  SmartPro Medical Grade 1kVA 120V Line interactive Tower UPS with Extended-run, full isolation, USB & Serial ports
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SMART1200XLHG 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

  SMART1200XLHG Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART1200XLHG Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART1200XLHG Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART1200XLHG Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART1200XLHG Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART1200XLHG Datasheet HTML 6Page - List of Unclassifed Manufacturers SMART1200XLHG Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
N050-012
12-Port Cat5e Wall Mount Patch Panel
568B
1
N052-012
12-Port Cat5e Patch Panel
568B
1
N052-024
24-Port Cat5e Patch Panel
568B
1
N052-048
48-Port Cat5e Patch Panel
568B
1
WEXT3-500-1500
3-Year Extended Warranty - For Smart Line-Interactive and Online Tower or Rack models, 1500VA
or less
1
WEXT5-500-1500
5-Year Extended Warranty - For Smart Line-Interactive and Online Tower or Rack models, 1500VA
or less
1
More information, including related products, owner's manuals, and additional technical specifications, can be found online at:
http://www.tripplite.com/sku/SMART1200XLHG.
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
6 / 6


유사한 부품 번호 - SMART1200XLHG

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
SMART1200XLHGL TRIPPLITE-SMART1200XLHGL Datasheet
163Kb / 5P
   SmartPro 120V 1kVA 750W Medical-Grade Line-Interactive Tower UPS with 4 Outlets, Full Isolation, USB, Lithium Battery
SMART1200XLHG TRIPPLITE-SMART1200XLHG_15 Datasheet
494Kb / 5P
   SmartPro 120V 1kVA 750W UL 60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
More results

유사한 설명 - SMART1200XLHG

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SMART700HG ETC2-SMART700HG Datasheet
492Kb / 6P
   SmartPro Medical Grade .7kVA 120V Line interactive Tower UPS, full isolation, USB & Serial ports
logo
Tripp Lite. All Rights ...
SMART1200XLHG TRIPPLITE-SMART1200XLHG_15 Datasheet
494Kb / 5P
   SmartPro 120V 1kVA 750W UL 60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
SMART700HG TRIPPLITE-SMART700HG_15 Datasheet
489Kb / 5P
   SmartPro 120V 700VA 450W UL60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
logo
List of Unclassifed Man...
SMX700HG ETC2-SMX700HG Datasheet
494Kb / 4P
   SmartPro Medical Grade .7kVA 230V Line interactive Tower UPS, full isolation, USB & Serial ports
SMART1500XL ETC2-SMART1500XL Datasheet
510Kb / 7P
   SmartPro 1.5kVA Line Interactive UPS Extended-run option, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMART1200XLHGL TRIPPLITE-SMART1200XLHGL Datasheet
163Kb / 5P
   SmartPro 120V 1kVA 750W Medical-Grade Line-Interactive Tower UPS with 4 Outlets, Full Isolation, USB, Lithium Battery
logo
List of Unclassifed Man...
SMART3000NET ETC2-SMART3000NET Datasheet
514Kb / 6P
   SmartPro 3kVA Line Interactive UPS, Extended-run option, Tower, Serial, 120V
logo
Tripp Lite. All Rights ...
SMART1500XL TRIPPLITE-SMART1500XL_15 Datasheet
502Kb / 5P
   SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Extended Run, Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART3000VS ETC2-SMART3000VS Datasheet
512Kb / 7P
   SmartPro 3kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMART3000NET TRIPPLITE-SMART3000NET_15 Datasheet
508Kb / 4P
   SmartPro 120V 3kVA 2.4kW Line-Interactive UPS,Extended Run, Tower, 3-DB9 ports
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com