전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSD882S 데이터시트(PDF) 1 Page - E-Tech Electronics LTD

부품명 GSD882S
상세설명  P N P E P II T A X II A L P L A N A R T R A N S II S T O R
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETL [E-Tech Electronics LTD]
홈페이지  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GSD882S 데이터시트(HTML) 1 Page - E-Tech Electronics LTD

  GSD882S Datasheet HTML 1Page - E-Tech Electronics LTD GSD882S Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
1/2
ISSUED DATE :2004/09/13
REVISED DATE :2004/11/29B
GSD882S
P
P N
N P
P E
E P
P II T
T A
A X
X II A
A L
L P
P L
L A
A N
N A
A R
R T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GSD882S is suited for the output stage of 0.75W audio, voltage regulator, and relay driver.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.45
4.7
D
4.44
4.7
S1
1.02
-
E
3.30
3.81
b
0.36
0.51
L
12.70
-
b1
0.36
0.76
e1
1.150
1.390
C
0.36
0.51
e
2.42
2.66
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55 ~ +150
Collector to Base Voltage at Ta=25 :
VCBO
40
V
Collector to Emitter Voltage at Ta=25 :
VCEO
30
V
Emitter to Base Voltage at Ta=25 :
VEBO
5.0
V
Collector Current at Ta=25 :
IC
3.0
A
Total Power Dissipation at Ta=25 :
PD
750
mW
Characteristics at Ta = 25 ::::
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
40
-
-
V
IC=100uA ,IE=0
BVCEO
30
-
-
V
IC=1mA,IB=0
BVEBO
5
-
-
V
IE=10uA
ICBO
-
-
1
uA
VCB=30V
IEBO
-
-
1
uA
VEB=3V
*VCE(sat)
-
-
0.5
V
IC=2A, IB=0.2A
*VBE(sat)
-
-
2
V
IC=2A, IB=0.2A
*hFE1
30
-
-
VCE=2V, IC=20mA
*hFE2
100
-
500
VCE=2V, IC=1A
FT
-
90
-
MHz
VCE=5V, IC=0.1A, f=100MHz
Cob
-
45
-
Pf
VCB=10V,IE=0, f=1MHz
*Pulse Test: Pulse Width 380us, Duty Cycle 2%
Classification Of hFE2
Rank
Q
P
E
Range
100-200
160-320
250-500
e 1
b
e
S E A T IN G
P L A N E
b 1
D
C
S 1
E
TO-92


유사한 부품 번호 - GSD882S

제조업체부품명데이터시트상세설명
logo
GTM CORPORATION
GSD882S GTM-GSD882S Datasheet
128Kb / 2P
   PNP EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
GSD882SS ETL-GSD882SS Datasheet
227Kb / 3P
   N P N E P I TA X I A L P L A N A R T R A N S I S TO R
More results

유사한 설명 - GSD882S

제조업체부품명데이터시트상세설명
logo
E-Tech Electronics LTD
GJ42C ETL-GJ42C Datasheet
130Kb / 2P
   P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GJ127 ETL-GJ127 Datasheet
174Kb / 2P
   P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GJ772 ETL-GJ772 Datasheet
166Kb / 3P
   P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GM5401 ETL-GM5401 Datasheet
161Kb / 2P
   P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GI42C ETL-GI42C Datasheet
146Kb / 2P
   P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GSMBT9015 ETL-GSMBT9015 Datasheet
195Kb / 2P
   P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GSMBTA92 ETL-GSMBTA92 Datasheet
188Kb / 2P
   P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GL4403 ETL-GL4403 Datasheet
162Kb / 2P
   P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GM1386 ETL-GM1386 Datasheet
292Kb / 3P
   P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GSMBT1015 ETL-GSMBT1015 Datasheet
156Kb / 2P
   P N P E P I T A X I A L P L A N A R T R A N S I S T O R
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com