전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

70-321221-2 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 70-321221-2
상세설명  High current capacity control
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

70-321221-2 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  70-321221-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 70-321221-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 70-321221-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• Voltage–6VDCthrough36VDC
• Termination–#10-32UNF-2Athread
• Power(approximate)
Type70intermittent23watts
Type70continuous9watts
Type71intermittent25watts
Type71continuous10watts
• Connections
1. Twocoilterminalsisolatedfromcase
2. Onecoilterminalwithgroundwire,onecoil
terminalisolatedfromcase
3. OnecoilleadcommontoNOterminal
marked“BAT”(oneterminal)
• Operate(77°F/25°C)
75%ofnominalcoilvoltage;110%max.safeof
nominalcoilvoltage
Type 70 and 71
contactors
FEATURES
• Highcurrentcapacitycontrol
• Isolatedorgroundedcoils
• Enclosedindust-resistantcase
• Longersteelencasementpermitslowerheatriseand
moresensitiveoperationonType71
ENGINEERING DATA
Contacts
• Poleform– SPNO,SPDT
• Material– SPNO-copperorsilver
SPDT-copperandsilverorallsilver
• Termination–5/
16”-24UNF-2Athread
Coils
COIL DATA
Volts DC
6
12
18
24
36
Resistance (Ohms)
TYPE 70
TYPE 71
Int.
1.5
6.2
16.0
23.9
60.4
Cont.
4.0
16.0
37.4
60.4
114.0
Volts DC
6
12
18
24
36
Resistance (Ohms)
Int.
1.4
4.9
13.46
20.1
57.1
Cont.
3.5
13.5
36.0
57.1
131.0
WHITE-RODGERS
DC PRODUCTS
GENERAL DATA
DielectricStrength
•500Volts
TemperatureRange
•-40°F/-40°Cto122°F/50°C
MechanicalLife(noload)
•250,000operations
ElectricalLife(ratedload)
•100,000operations
MountingPosition
•Recommendedmountingwithcapdown
Vibration
•5g’sverticalandhorizontalplanes
Weight(approximate)
•Type70–14.0oz.
•Type71–17.0oz.
DutyCycle
•Continuous
•Intermittent–10seconds“on”maximumand
minimum60seconds“off”.Oneminute“on”
maximumandminimum6minutes“off”.
HardwareTorqueSpecification
•ContactTerminal:45-55inch-lbs.
•CoilTerminal:12-18inch-lbs.
•MountingBracket:100inch-lbs.max(a
backupwrenchmustbeusedtoholdthe
bottomnutstationaryduringinstallation)
RATINGS
Volts DC
6
12
24 & 36
6
12
24 & 36
Type
70
71
Cont.
80A
80 A
50 A
80A
80 A
50 A
Inrush
300 A
150 A
50 A
300 A
150 A
50 A
NO
NC
Cont.
60A
60 A
30 A
60A
60 A
30 A
Inrush
100 A
60 A
30 A
100 A
60 A
30 A
R-4003C
1233
St.Louis,MissouriMarkham,Ontario
314-553-3600905-948-3411
www.white-rodgers.com
The Emerson logo is a
trademark and a service mark
of Emerson Electric Co.


유사한 부품 번호 - 70-321221-2

제조업체부품명데이터시트상세설명
logo
Schneider Electric
70-378-1 SCHNEIDER-70-378-1 Datasheet
131Kb / 4P
   Socket, SE Relays, 5A, 14 pins, solder terminals, separate contact, for 782H / 792 relays
70-379-1 SCHNEIDER-70-379-1 Datasheet
110Kb / 4P
   Socket, SE Relays, 5A, 14 pins, for printed circuit board, for 782H / 792 relays,
More results

유사한 설명 - 70-321221-2

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
1110-1R0M-RC BOURNS-1110-1R0M-RC Datasheet
472Kb / 1P
   Very high current capacity
1120-1R0M-RC BOURNS-1120-1R0M-RC Datasheet
432Kb / 1P
   Very high current capacity
logo
International Rectifier
PVX6012PBF IRF-PVX6012PBF_15 Datasheet
218Kb / 5P
   High load current capacity
logo
DIYI Electronic Technol...
SK34L DYELEC-SK34L Datasheet
1Mb / 2P
   High current capacity,low VF
logo
Littelfuse
MHP-TAT18 LITTELFUSE-MHP-TAT18 Datasheet
542Kb / 4P
   High current capacity, low resistance
logo
DIYI Electronic Technol...
SK54L DYELEC-SK54L Datasheet
1Mb / 2P
   High current capacity,low VF
logo
Inchange Semiconductor ...
2SA1507 ISC-2SA1507 Datasheet
114Kb / 2P
   Large Current Capacity
logo
Shanghai Leiditech Elec...
SS8550T1 LEIDITECH-SS8550T1 Datasheet
469Kb / 3P
   High current capacity in compact package
L8550HQLT1G LEIDITECH-L8550HQLT1G Datasheet
469Kb / 3P
   High current capacity in compact package.
S8550 LEIDITECH-S8550 Datasheet
469Kb / 3P
   High current capacity in compact package
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com