전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM6T30AY 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 SM6T30AY
상세설명  Automotive 600 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T30AY 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button SM6T30AY Datasheet HTML 4Page - STMicroelectronics SM6T30AY Datasheet HTML 5Page - STMicroelectronics SM6T30AY Datasheet HTML 6Page - STMicroelectronics SM6T30AY Datasheet HTML 7Page - STMicroelectronics SM6T30AY Datasheet HTML 8Page - STMicroelectronics SM6T30AY Datasheet HTML 9Page - STMicroelectronics SM6T30AY Datasheet HTML 10Page - STMicroelectronics SM6T30AY Datasheet HTML 11Page - STMicroelectronics SM6T30AY Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SM6TY
Revision history
Doc ID 17741 Rev 3
11/12
6
Revision history
Table 6.
Document revision history
Date
Revision
Changes
15-Sep-2010
1
Initial release.
18-Oct-2011
2
Deleted old Table 2. Thermal parameter. Updated Table 2 and added
order codes inTable 4. Updated Figure 5, 10 and 11. Updated Complies
with the following standards on page 1.
27-Mar-2012
3
Added footnote on page 1.


유사한 부품 번호 - SM6T30AY

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
SM6T30AY STMICROELECTRONICS-SM6T30AY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T30AY STMICROELECTRONICS-SM6T30AY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T30AY STMICROELECTRONICS-SM6T30AY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T30AY STMICROELECTRONICS-SM6T30AY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM6T30AY/CAY STMICROELECTRONICS-SM6T30AY/CAY Datasheet
155Kb / 11P
   Automotive 600 W Transil
More results

유사한 설명 - SM6T30AY

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6TY STMICROELECTRONICS-SM6TY Datasheet
155Kb / 11P
   Automotive 600 W Transil
SM6T250CAY STMICROELECTRONICS-SM6T250CAY Datasheet
238Kb / 9P
   Automotive 600 W Transil
SM6T33CAY STMICROELECTRONICS-SM6T33CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T30CAY STMICROELECTRONICS-SM6T30CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T22CAY STMICROELECTRONICS-SM6T22CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SMA6T15CAY STMICROELECTRONICS-SMA6T15CAY Datasheet
331Kb / 11P
   Automotive 600 W Transil in SMA package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com