전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMART1500RMXL2UA 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 SMART1500RMXL2UA
상세설명  SmartPro 1.5kVA 1350W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SMART1500RMXL2UA 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  SMART1500RMXL2UA Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART1500RMXL2UA Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART1500RMXL2UA Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART1500RMXL2UA Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART1500RMXL2UA Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART1500RMXL2UA Datasheet HTML 6Page - List of Unclassifed Manufacturers SMART1500RMXL2UA Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SmartPro 1.5kVA 1350W Line Interactive Sine Wave
UPS, Extended-run & SNMPWEBCARD options, 2U
Rack/Tower, LCD, USB, RS232,EPO, 120V
MODEL NUMBER: SMART1500RMXL2UA
Description
Tripp Lite SmartPro Line Interactive UPS with enhanced LCD interface offers network-grade power protection for
critical server, network and telecommunications equipment. Line Interactive Uninterruptible Power Supply (UPS)
with built-in Auto-Voltage Regulation (AVR) actively corrects brownouts and overvoltages back to usable levels
while maintaining a full battery charge in case of power failure. Tripp Lite's unique configuration excels in
exceptionally poor-power environments with two separate levels of voltage boost to correct both slight
undervoltages and severe brownout conditions. Interactive LCD interface reports UPS operating mode, detailed
UPS and site-power data, plus enables a variety of UPS setup and configuration options. Super-fast switchover
from line to battery power occurs within milliseconds to maintain operation of connected equipment without interruption or reboot. 95% line-mode efficiency
offers reduced heat emissions and operating costs. Network management interfaces support communications via USB, RS-232 and optional
SNMPWEBCARD network interface. HID-compliant USB interface enables integration with built-in power management and auto shutdown features of
Windows and Mac OS X. Network communications ports enable detailed monitoring of equipment load levels, self-test data and utility power conditions.
Includes PowerAlert monitoring software and complete cabling. Switched output load banks enable scheduled and real-time remote reboot and load shedding
of select outlets. Emergency Power Off (EPO) interface. LCD display panel easily rotates for viewing in rackmount or tower configurations. Audible alarm with
push-button momentary alarm-cancel and silent-mode configuration options. Programmable self-test. Field-replaceable, hot-swappable battery modules.
Features
Tripp Lite SMART1500RMXL2UA line interactive 2U rack/tower UPS with 1500VA / 1.5kVA / 1350W capacity and extended runtime options
Line interactive UPS with Automatic Voltage Regulation (AVR) corrects brownouts and overvoltages from 83 to 145V
NEMA 5-15P input plug; 8 NEMA 5-15R output receptacles, Two independently switched output load banks
Maintains uninterrupted operation of connected networking equipment during blackouts, surges, brownouts and overvoltages
High 95% efficiency rating in line-power mode offers reduced power consumption and BTU emisssions
Internal batteries offer 14 minutes at 50% load (675W) and 4.9 minutes at 100% load (1350W)
Extended runtime is available with optional BP36V15-2U (limit 1); BP36V42-3U (multi-pack compatible); BP36V27-2US (multi-pack compatible), Output is
reduced to 1200 watts maximum with external battery packs
Highlights
1.5kVA / 1500VA / 1350W line
interactive 2U rack/tower UPS,
Sine Wave
120V output, Corrects brownouts
and overvoltages from 83V to
145V
0.9 Power Factor, Interactive
LCD interface
Extended runtime options up to
1200W
4 post compatible mounting
accessories
95% line-mode efficiency, 2
switched load banks
USB, RS232, EPO and slot for
SNMPWEBCARD option
120V NEMA 5-15P input, 8
NEMA 5-15R outlets
Package Includes
SMART1500RMXL2UA UPS
system
PowerAlert software with USB,
Serial & EPO cabling
4 post installation kit
Owner's manual
1 / 6


유사한 부품 번호 - SMART1500RMXL2UA

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
SMART1500RMXL2UA TRIPPLITE-SMART1500RMXL2UA_15 Datasheet
509Kb / 5P
   SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard option,2U Rack-Tower, LCD, USB, DB9 Serial
More results

유사한 설명 - SMART1500RMXL2UA

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SMART1500CRMXL ETC2-SMART1500CRMXL Datasheet
500Kb / 7P
   SmartPro 1.5kVA 1440W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMART5000RT3U ETC2-SMART5000RT3U Datasheet
523Kb / 7P
   SmartPro 5kVA Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMART2600RM2U ETC2-SMART2600RM2U Datasheet
510Kb / 7P
   SmartPro 2.6kVA 1920W Line Interactive Sine Wave UPS, Extended-Run & SNMPWEBCARD options
SMART2200RMXL2U ETC2-SMART2200RMXL2U Datasheet
514Kb / 7P
   SmartPro 2.2kVA 1920W Line Interactive Sine Wave UPS, Extended-Run & SNMPWEBCARD options
SMART750RMXL2U ETC2-SMART750RMXL2U Datasheet
516Kb / 7P
   SmartPro .75kVA 600W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMART1500RM2U ETC2-SMART1500RM2U Datasheet
516Kb / 7P
   SmartPro 1.5kVA 1350W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower
SMART2200VSXL ETC2-SMART2200VSXL Datasheet
516Kb / 7P
   SmartPro 2.2kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower
SMART1500SLT ETC2-SMART1500SLT Datasheet
517Kb / 7P
   SmartPro 1.5kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial
SMART3000VS ETC2-SMART3000VS Datasheet
512Kb / 7P
   SmartPro 3kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMX1500XLRT2UN TRIPPLITE-SMX1500XLRT2UN Datasheet
181Kb / 6P
   SmartPro 230V 1500VA 1350W Line-Interactive Sine Wave UPS, 2U, Extended Run, WEBCARDLX, LCD, USB, DB9
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com