전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC1213A 데이터시트(PDF) 2 Page - Hitachi Semiconductor

부품명 2SC1213A
상세설명  Silicon NPN Epitaxial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC1213A 데이터시트(HTML) 2 Page - Hitachi Semiconductor

  2SC1213A Datasheet HTML 1Page - Hitachi Semiconductor 2SC1213A Datasheet HTML 2Page - Hitachi Semiconductor 2SC1213A Datasheet HTML 3Page - Hitachi Semiconductor 2SC1213A Datasheet HTML 4Page - Hitachi Semiconductor 2SC1213A Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC1213, 2SC1213A
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
2SC1213
2SC1213A
Unit
Collector to base voltage
V
CBO
35
50
V
Collector to emitter voltage
V
CEO
35
50
V
Emitter to base voltage
V
EBO
44V
Collector current
I
C
500
500
mA
Collector power dissipation
P
C
400
400
mW
Junction temperature
Tj
150
150
°C
Storage temperature
Tstg
–55 to +150
–55 to +150
°C
Electrical Characteristics (Ta = 25°C)
2SC1213
2SC1213A
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test conditions
Collector to base
breakdown voltage
V
(BR)CBO
35
50
V
I
C = 10 µA, IE = 0
Collector to emitter
breakdown voltage
V
(BR)CEO
35
50
V
I
C = 1 mA, RBE = ∞
Emitter to base
breakdown voltage
V
(BR)EBO
4—
4
V
I
E = 10 µA, IC = 0
Collector cutoff current
I
CBO
0.5
0.5
µAV
CB = 20 V, IE = 0
DC current tarnsfer ratio h
FE*
1
60
320
60
320
V
CE = 3 V, IC =10 mA
h
FE
10
10
V
CE = 3 V,
I
C = 500 mA*
2
Collector to emitter
saturation voltage
V
CE(sat)
0.2
0.6
0.2
0.6
V
I
C = 150 mA,
I
B = 15 mA*
2
Base to emitter voltage
V
BE
0.64
0.64
V
V
CE = 3 V, IC = 10 mA
Notes: 1. The 2SC1213 and 2SC1213A are grouped by h
FE as follows.
2. Pulse test
BC
D
60 to 120
100 to 200
160 to 320


유사한 부품 번호 - 2SC1213A

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SC1213A HITACHI-2SC1213A Datasheet
43Kb / 8P
   Silicon NPN Epitaxial
logo
Micro Electronics
2SC1213A MICRO-ELECTRONICS-2SC1213A Datasheet
67Kb / 1P
   SILICON TRANSISTOR
logo
TRANSYS Electronics Lim...
2SC1213A TEL-2SC1213A Datasheet
66Kb / 1P
   Plastic-Encapsulated Transistors
logo
Renesas Technology Corp
2SC1213A RENESAS-2SC1213A Datasheet
154Kb / 5P
   Silicon NPN Epitaxial
logo
SeCoS Halbleitertechnol...
2SC1213A SECOS-2SC1213A Datasheet
77Kb / 2P
   NPN Silicon General Purpose Transistor
More results

유사한 설명 - 2SC1213A

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com