전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1376K 데이터시트(PDF) 2 Page - Hitachi Semiconductor

부품명 2SD1376K
상세설명  Silicon NPN Epitaxial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD1376K 데이터시트(HTML) 2 Page - Hitachi Semiconductor

  2SD1376K Datasheet HTML 1Page - Hitachi Semiconductor 2SD1376K Datasheet HTML 2Page - Hitachi Semiconductor 2SD1376K Datasheet HTML 3Page - Hitachi Semiconductor 2SD1376K Datasheet HTML 4Page - Hitachi Semiconductor 2SD1376K Datasheet HTML 5Page - Hitachi Semiconductor 2SD1376K Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SD1376(K)
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Rating
Unit
Collector to base voltage
V
CBO
120
V
Collector to emitter voltage
V
CEO
120
V
Emitter to base voltage
V
EBO
7V
Collector current
I
C
1.5
A
Collector peak current
I
C (peak)
3.0
A
Collector power dissipation
P
C*
1
20
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
C to E diode forward current
I
D*
1
1.5
A
Note:
1. Value at T
C = 25°C.
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to emitter breakdown
voltage
V
(BR)CEO
120
V
I
C = 10 mA, RBE = ∞
Emitter to base breakdown
voltage
V
(BR)EBO
7—
V
I
E = 50 mA, IC = 0
Collector cutoff current
I
CBO
100
µAV
CB = 120 V, IE = 0
I
CEO
——
10
µAV
CE = 100 V, RBE = ∞
DC current transfer ratio
h
FE
2000
30000
V
CE = 3 V, IC = 1 A*
1
Collector to emitter saturation
V
CE (sat)1
1.5
V
I
C = 1 A, IB = 1 mA*
1
voltage
V
CE (sat)2
2.0
V
I
C = 1.5 A, IB = 1.5 mA*
1
Base to emitter saturation
V
BE (sat)1
2.0
V
I
C = 1 A, IB = 1 mA*
1
voltage
V
BE (sat)2
2.5
V
I
C = 1.5 A, IB = 1.5 mA*
1
C to E diode forward voltage
V
D
3.0
V
I
D = 1.5 A*
1
Turn on time
Ton
0.5
µsI
C = 1 A, IB1 = –IB2 = 1 mA
Turn off time
Toff
2.0
µs
Note:
1. Pulse test.


유사한 부품 번호 - 2SD1376K

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SD1376 ISC-2SD1376 Datasheet
114Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1376 SAVANTIC-2SD1376 Datasheet
108Kb / 3P
   Silicon NPN Power Transistors
2SD1376 SAVANTIC-2SD1376 Datasheet
109Kb / 3P
   Silicon NPN Power Transistors
More results

유사한 설명 - 2SD1376K

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com