전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI6913DQ 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI6913DQ
상세설명  Dual P-Channel 12 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6913DQ 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI6913DQ Datasheet HTML 1Page - Vishay Siliconix SI6913DQ Datasheet HTML 2Page - Vishay Siliconix SI6913DQ Datasheet HTML 3Page - Vishay Siliconix SI6913DQ Datasheet HTML 4Page - Vishay Siliconix SI6913DQ Datasheet HTML 5Page - Vishay Siliconix SI6913DQ Datasheet HTML 6Page - Vishay Siliconix SI6913DQ Datasheet HTML 7Page - Vishay Siliconix SI6913DQ Datasheet HTML 8Page - Vishay Siliconix SI6913DQ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Vishay Siliconix
Si6913DQ
Document Number: 72368
S12-1359-Rev. C, 11-Jun-12
www.vishay.com
2
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 400 µA
- 0.4
- 0.9
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 12 V, VGS = 0 V
- 1
µA
VDS = - 12 V, VGS = 0 V, TJ = 70 °C
- 25
On-State Drain Currenta
ID(on)
VDS  - 5 V, VGS = - 4.5 V
- 20
A
Drain-Source On-State Resistancea
RDS(on)
VGS  - 4.5 V, ID = - 5.8 A
0.016
0.021
VGS = - 2.5 V, ID = - 5 A
0.021
0.028
VGS = - 1.8 V, ID = - 4.4 A
0.029
0.037
Forward Transconductancea
gfs
VDS = - 5 V, ID = - 5.8 A
25
S
Diode Forward Voltagea
VSD
IS = - 1 A, VGS = 0 V
- 0.61
- 1.1
V
Dynamicb
Total Gate Charge
Qg
VDS = - 6 V, VGS = - 4.5 V, ID = - 5.8 A
18.5
28
nC
Gate-Source Charge
Qgs
2.7
Gate-Drain Charge
Qgd
5
Gate Resistance
Rg
f = 1 MHz
4.6
Turn-On Delay Time
td(on)
VDD = - 6 V, RL = 6 
ID  - 1 A, VGEN = - 4.5 V, RG = 6 
45
70
ns
Rise Time
tr
80
120
Turn-Off Delay Time
td(off)
130
200
Fall Time
tf
80
120
Source-Drain Reverse Recovery Time
trr
IF = - 1 A, dI/dt = 100 A/µs
65
100
Output Characteristics
0
6
12
18
24
30
01234
5
VGS = 5 thru 2.5 V
VDS - Drain-to-Source Voltage (V)
2 V
1.5 V
Transfer Characteristics
0
6
12
18
24
30
0.0
0.5
1.0
1.5
2.0
2.5
TC = - 55 °C
125 °C
25 °C
VGS - Gate-to-Source Voltage (V)


유사한 부품 번호 - SI6913DQ

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI6913DQ VISHAY-SI6913DQ Datasheet
79Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI6913DQ VISHAY-SI6913DQ Datasheet
201Kb / 4P
   Dual P-Channel 12-V (D-S) MOSFET
23-May-04
SI6913DQ VISHAY-SI6913DQ Datasheet
225Kb / 11P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI6913DQ-T1 VISHAY-SI6913DQ-T1 Datasheet
79Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 15-Sep-03
logo
VBsemi Electronics Co.,...
SI6913DQ-T1-GE3 VBSEMI-SI6913DQ-T1-GE3 Datasheet
896Kb / 6P
   Dual P-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - SI6913DQ

제조업체부품명데이터시트상세설명
logo
Analog Power
AM6923P ANALOGPOWER-AM6923P Datasheet
186Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4933DY VISHAY-SI4933DY Datasheet
44Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. B, 25-Nov-02
SI1917EDH VISHAY-SI1917EDH_V01 Datasheet
119Kb / 6P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI4933DY VISHAY-SI4933DY_V01 Datasheet
110Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN_V01 Datasheet
91Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SIA975DJ VISHAY-SIA975DJ_V01 Datasheet
356Kb / 9P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN Datasheet
185Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. C, 27-Jun-05
SI6913DQ VISHAY-SI6913DQ Datasheet
79Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI5943DU VISHAY-SI5943DU Datasheet
272Kb / 3P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 24-Jul-06
SI3973DV VISHAY-SI3973DV Datasheet
55Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. D, 29-Mar-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com