전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI8422 데이터시트(PDF) 5 Page - Silicon Laboratories

부품명 SI8422
상세설명  LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8422 데이터시트(HTML) 5 Page - Silicon Laboratories

  SI8422 Datasheet HTML 1Page - Silicon Laboratories SI8422 Datasheet HTML 2Page - Silicon Laboratories SI8422 Datasheet HTML 3Page - Silicon Laboratories SI8422 Datasheet HTML 4Page - Silicon Laboratories SI8422 Datasheet HTML 5Page - Silicon Laboratories SI8422 Datasheet HTML 6Page - Silicon Laboratories SI8422 Datasheet HTML 7Page - Silicon Laboratories SI8422 Datasheet HTML 8Page - Silicon Laboratories SI8422 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Rev. 1.3
5
Si8410/20/21 (5 kV)
Si8422/23 (2.5 & 5 kV)
1 Mbps Supply Current (All inputs = 500 kHz square wave, CL = 15 pF on all outputs)
Si8410Ax, Bx
VDD1
VDD2
2.0
1.1
3.0
1.7
mA
Si8420Ax, Bx
VDD1
VDD2
3.5
1.9
5.3
2.9
mA
Si8421Ax, Bx
VDD1
VDD2
2.8
2.8
4.2
4.2
mA
Si8422Ax, Bx
VDD1
VDD2
2.8
2.8
4.2
4.2
mA
Si8423Ax, Bx
VDD1
VDD2
3.4
1.9
5.1
2.9
mA
10 Mbps Supply Current (All inputs = 5 MHz square wave, CL = 15 pF on all outputs)
Si8410Bx
VDD1
VDD2
2.1
1.5
3.1
2.1
mA
Si8420Bx
VDD1
VDD2
3.6
2.6
5.4
3.6
mA
Si8421Bx
VDD1
VDD2
3.2
3.2
4.5
4.5
mA
Si8422Bx
VDD1
VDD2
3.2
3.2
4.5
4.5
mA
Si8423Bx
VDD1
VDD2
3.4
2.5
5.1
3.5
mA
Table 1. Electrical Characteristics (Continued)
(VDD1 = 5 V ±10%, VDD2 = 5 V ±10%, TA =–40 to 125ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. The nominal output impedance of an isolator driver channel is approximately 50
, ±40%, which is a combination of
the value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads
where transmission line effects will be a factor, output pins should be appropriately terminated with controlled
impedance PCB traces.
2. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at
the same supply voltages, load, and ambient temperature.
3. Start-up time is the time period from the application of power to valid data at the output.


유사한 부품 번호 - SI8422

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI8422 ETC2-SI8422 Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
More results

유사한 설명 - SI8422

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI8421AD ETC2-SI8421AD Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8610BB-B-IS SILABS-SI8610BB-B-IS Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI861X SKYWORKS-SI861X Datasheet
1Mb / 43P
   Low-Power Single and Dual-Channel Digital Isolators
Revision 1.4
logo
Silicon Laboratories
SI8410BB-D-IS SILABS-SI8410BB-D-IS Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
SI861X SILABS-SI861X Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
SI8610 SILABS-SI8610 Datasheet
445Kb / 36P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
List of Unclassifed Man...
SI8420AB ETC2-SI8420AB Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8420BB-D-IS SILABS-SI8420BB-D-IS Datasheet
335Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI8410 SKYWORKS-SI8410 Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
logo
Texas Instruments
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com