전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC109B 데이터시트(PDF) 1 Page - Central Semiconductor Corp

부품명 BC109B
상세설명  NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CENTRAL [Central Semiconductor Corp]
홈페이지  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BC109B 데이터시트(HTML) 1 Page - Central Semiconductor Corp

  BC109B Datasheet HTML 1Page - Central Semiconductor Corp BC109B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BC107,A,B
BC108B,C
BC109B,C
NPN SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR BC107, BC108,
BC109 series types are small signal NPN silicon
transistors, manufactured by the epitaxial planar
process, designed for general purpose amplifier
applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
BC107
BC108
BC109
UNITS
Collector-Base Voltage
VCBO
50
30
30
V
Collector-Emitter Voltage
VCEO
45
25
25
V
Emitter-Base Voltage
VEBO
6.0
5.0
5.0
V
Continuous Collector Current
IC
200
mA
Power Dissipation
PD
600
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
JC
175
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=45V (BC107)
15
nA
ICBO
VCB=45V, TA=125°C (BC107)
4.0
μA
ICBO
VCB=25V (BC108, BC109)
15
nA
ICBO
VCB=25V, TA=125°C (BC108, BC109)
4.0
μA
BVCEO
IC=2.0mA (BC107)
45
V
BVCEO
IC=2.0mA (BC108, BC109)
25
V
BVEBO
IE=10μA (BC107)
6.0
V
BVEBO
IE=10μA (BC108, BC109)
5.0
V
VCE(SAT)
IC=10mA, IB=0.5mA
0.25
V
VCE(SAT)
IC=100mA, IB=5.0mA
0.6
V
VBE(SAT)
IC=10mA, IB=0.5mA
0.7
0.83
V
VBE(SAT)
IC=100mA, IB=5.0mA
1.0
1.05
V
VBE(ON)
VCE=5.0V, IC=2.0mA
0.55
0.7
V
VBE(ON)
VCE=5.0V, IC=10mA
0.77
V
hFE
VCE=5.0V, IC=10μA (BC107B, BC108B, BC109B)
40
hFE
VCE=5.0V, IC=10μA (BC108C, BC109C)
100
hFE
VCE=5.0V, IC=2.0mA (BC107)
110
450
hFE
VCE=5.0V, IC=2.0mA (BC107A)
110
220
hFE
VCE=5.0V, IC=2.0mA (BC107B, BC108B, BC109B) 200
450
hFE
VCE=5.0V, IC=2.0mA (BC108C, BC109C)
420
800
TO-18 CASE
R1 (16-August 2012)
www.centr a lsemi.com


유사한 부품 번호 - BC109B

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BC109B SIEMENS-BC109B Datasheet
263Kb / 8P
   npn sisicon transistor
logo
Comset Semiconductor
BC109B COMSET-BC109B Datasheet
81Kb / 3P
   LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
logo
Continental Device Indi...
BC109B CDIL-BC109B Datasheet
147Kb / 4P
   NPN SILICON PLANAR TRANSISTORS
logo
Central Semiconductor C...
BC109B CENTRAL-BC109B Datasheet
545Kb / 2P
   NPN SILICON TRANSISTOR
More results

유사한 설명 - BC109B

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com