전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC-4516CB646PF-A80 데이터시트(PDF) 6 Page - NEC

부품명 MC-4516CB646PF-A80
상세설명  16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

MC-4516CB646PF-A80 데이터시트(HTML) 6 Page - NEC

Back Button MC-4516CB646PF-A80 Datasheet HTML 2Page - NEC MC-4516CB646PF-A80 Datasheet HTML 3Page - NEC MC-4516CB646PF-A80 Datasheet HTML 4Page - NEC MC-4516CB646PF-A80 Datasheet HTML 5Page - NEC MC-4516CB646PF-A80 Datasheet HTML 6Page - NEC MC-4516CB646PF-A80 Datasheet HTML 7Page - NEC MC-4516CB646PF-A80 Datasheet HTML 8Page - NEC MC-4516CB646PF-A80 Datasheet HTML 9Page - NEC MC-4516CB646PF-A80 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet M14334EJ2V0DS00
6
MC-4516CB646
DC Characteristics (Recommended Operating Conditions Unless Otherwise Noted)
Parameter
Symbol
Test condition
Grade
MIN. MAX.
Unit
Notes
Operating current
ICC1
Burst length = 1
/CAS latency = 2
-A80
800
mA
1
tRC
≥ tRC(MIN.), IO = 0 mA
-A10
800
/CAS latency = 3
-A80
800
-A10
800
Precharge standby current in
ICC2P
CKE
≤ VIL(MAX.), tCK = 15 ns
8
mA
power down mode
ICC2PS CKE
≤ VIL(MAX.), tCK = ∞
8
Precharge standby current in
non power down mode
ICC2NCKE
≥ VIH(MIN.), tCK = 15 ns, /CS ≥ VIH(MIN.),
Input signals are changed one time during 30 ns.
160
mA
ICC2NS CKE
≥ VIH(MIN.), tCK = ∞
Input signals are stable.
64
Active standby current in
ICC3P
CKE
≤ VIL(MAX.), tCK = 15 ns
40
mA
power down mode
ICC3PS CKE
≤ VIL(MAX.), tCK = ∞
32
Active standby current in
ICC3NCKE
≥ VIH(MIN.), tCK = 15 ns, /CS ≥ VIH(MIN.),
240
mA
non power down mode
Input signals are changed one time during 30 ns.
ICC3NS
CKE
≥ VIH(MIN.), tCK = ∞
Input signals are stable.
160
Operating current
ICC4
tCK
≥ tCK(MIN.)
/CAS latency = 2
-A80
960
mA
2
(Burst mode)
IO = 0 mA
-A10
760
/CAS latency = 3
-A80
1,160
-A10
1,000
CBR (Auto) refresh current
ICC5
tRC
≥ tRC(MIN.)
/CAS latency = 2
-A80
1,840
mA
3
-A10
1,840
/CAS latency = 3
-A80
1,840
-A10
1,840
Self refresh current
ICC6
CKE
≤ 0.2 V16
mA
Input leakage current
II(L)
VI = 0 to 3.6 V, All other pins not under test = 0 V
– 8+ 8
µA
Output leakage current
IO(L)
DOUT is disabled, VO = 0 to 3.6 V– 1.5
+ 1.5
µA
High level output voltage
VOH
IO = – 4.0 mA
2.4
V
Low level output voltage
VOL
IO = + 4.0 mA
0.4
V
Notes 1. ICC1 depends on output loading and cycle rates. Specified values are obtained with the output open. In
addition to this, ICC1 is measured on condition that addresses are changed only one time during tCK (MIN.).
2.ICC4 depends on output loading and cycle rates. Specified values are obtained with the output open. In
addition to this, ICC4 is measured on condition that addresses are changed only one time during tCK (MIN.).
3.ICC5 is measured on condition that addresses are changed only one time during tCK (MIN.).
5
5
5


유사한 부품 번호 - MC-4516CB646PF-A80

제조업체부품명데이터시트상세설명
logo
Elpida Memory
MC-4516CB646PF-A80 ELPIDA-MC-4516CB646PF-A80 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

유사한 설명 - MC-4516CB646PF-A80

제조업체부품명데이터시트상세설명
logo
Elpida Memory
MC-4516CB647XFA ELPIDA-MC-4516CB647XFA Datasheet
168Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB647 ELPIDA-MC-4516CB647 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB647 NEC-MC-4516CB647 Datasheet
210Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AD641 NEC-MC-45V16AD641 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45V16AB642 ELPIDA-MC-45V16AB642 Datasheet
156Kb / 16P
   16M-WORD BY 64-BIT VirtualChannel??DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA727 NEC-MC-4516CA727 Datasheet
213Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA727XFA ELPIDA-MC-4516CA727XFA Datasheet
168Kb / 14P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA726 NEC-MC-4516CA726 Datasheet
149Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com