전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ409L 데이터시트(PDF) 2 Page - Hitachi Semiconductor

부품명 2SJ409L
상세설명  Silicon P-Channel MOS FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ409L 데이터시트(HTML) 2 Page - Hitachi Semiconductor

  2SJ409L Datasheet HTML 1Page - Hitachi Semiconductor 2SJ409L Datasheet HTML 2Page - Hitachi Semiconductor 2SJ409L Datasheet HTML 3Page - Hitachi Semiconductor 2SJ409L Datasheet HTML 4Page - Hitachi Semiconductor 2SJ409L Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SJ409(L), 2SJ409(S)
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DSS
–100
V
Gate to source voltage
V
GSS
±20
V
Drain current
I
D
–20
A
Drain peak current
I
D(pulse)*
1
–80
A
Body to drain diode reverse drain current
I
DR
–20
A
Channel dissipation
Pch*
2
75
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at Tc = 25
°C


유사한 부품 번호 - 2SJ409L

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
2SJ400 SANYO-2SJ400 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
logo
Toshiba Semiconductor
2SJ401 TOSHIBA-2SJ401 Datasheet
286Kb / 5P
   P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SJ401 TOSHIBA-2SJ401 Datasheet
784Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ401 TOSHIBA-2SJ401 Datasheet
461Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ401 TOSHIBA-2SJ401 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

유사한 설명 - 2SJ409L

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com