전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL5001L-D08-T 데이터시트(PDF) 4 Page - E-Tech Electronics LTD

부품명 TL5001L-D08-T
상세설명  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETL [E-Tech Electronics LTD]
홈페이지  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

TL5001L-D08-T 데이터시트(HTML) 4 Page - E-Tech Electronics LTD

  TL5001L-D08-T Datasheet HTML 1Page - E-Tech Electronics LTD TL5001L-D08-T Datasheet HTML 2Page - E-Tech Electronics LTD TL5001L-D08-T Datasheet HTML 3Page - E-Tech Electronics LTD TL5001L-D08-T Datasheet HTML 4Page - E-Tech Electronics LTD TL5001L-D08-T Datasheet HTML 5Page - E-Tech Electronics LTD TL5001L-D08-T Datasheet HTML 6Page - E-Tech Electronics LTD TL5001L-D08-T Datasheet HTML 7Page - E-Tech Electronics LTD TL5001L-D08-T Datasheet HTML 8Page - E-Tech Electronics LTD TL5001L-D08-T Datasheet HTML 9Page - E-Tech Electronics LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TL5001
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 13
www.unisonic.com.tw
QW-R103-016,D
ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING FREE-AIR
TEMPERATURE RANGE (VCC=6V, fOSC=100kHz, all typical values at TA=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE
Output Voltage
VOUT
COMP Connected to FB
0.95
1
1.05
V
Input Regulation
VCC=3.6V ~ 40V
2
12.5
mV
Output Voltage Change with Temperature
TA= -20°C ~ 25°C
-10
-1
10
mV/V
TA= 25°C ~ 85°C
-10
2
10
UNDERVOLTAGE LOCKOUT
Threshold Voltage
Upper
VTHR
TA= 25°C
3
V
Lower
TA= 25°C
2.8
V
Reset
TA= 25°C
2.1
2.55
V
Hysteresis
TA= 25°C
100
200
mV
SHORT CIRCUIT PROTECTION
SCP Threshold voltage
TA= 25°C
0.95
1.00
1.05
V
SCP Voltage, Latched
No pullup
140
185
230
mV
SCP Voltage, UVLO Standby
No pullup
60
120
mV
Input Source Current
TA= 25°C
-10
-15
-20
μA
SCP Comparator 1 Threshold Voltage
1.5
V
OSCILLATOR
Frequency
f
RT=100kΩ
100
kHz
Standard Deviation of Frequency
15
kHz
Frequency Change with Voltage
VCC=3.6V ~ 40V
1
kHz
Frequency Change with Temperature
TA= -40°C ~ 25°C
-4
-0.4
4
kHz
TA= -20°C ~ 25°C
-4
-0.4
4
kHz
TA= 25°C ~ 85°C
-4
-0.2
4
kHz
Voltage at RT
VRT
1
V
DEAD-TIME CONTROL
Output (source) Current
IO(SOURCE) V(DT)=1.5V (Note)
0.9*IRT
1.1*IRT
μA
Input Threshold Voltage
VI(THR)
Duty cycle=0%
0.5
0.7
V
Duty cycle=100%
1.3
1.5
ERROR AMPLIFIER
Input Voltage
VIN
VCC=3.6V ~ 40V
0
1.5
V
Input Bias Current
II(BIAS)
-160
-500
nA
Output Voltage Swing
Positive
VO(SW)
1.5
2.3
V
Negative
0.3
0.4
V
Open-Loop Voltage Amplification
GV
80
dB
Unity-Gain Bandwidth
1.5
MHz
Output (sink) Current
IO(SINK)
VI(FB)=1.2V, COMP=1V
100
600
μA
Output (source) Current
IO(SOURCE) VI(FB)=0.8V, COMP=1V
-45
-70
μA
OUTPUT
Output Saturation Voltage
VO(SAT)
IOUT=10mA
1.5
2
V
Off-State Current
IOFF
VOUT=50V,Vcc=0
10
μA
VOUT=50V
10
Short-Circuit Output Current
IO(SC)
VOUT=6V
40
mA
TOTAL DEVICE
Standby Supply Current (Off state)
ISTN-BY
1
1.5
mA
Average Supply Current
RT=100kΩ
1.4
2.1
mA
Note: Output source current at RT


유사한 부품 번호 - TL5001L-D08-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TL5001L-D08-T UTC-TL5001L-D08-T Datasheet
254Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001L-D08-T UTC-TL5001L-D08-T Datasheet
312Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001L-D08-T UTC-TL5001L-D08-T Datasheet
323Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results

유사한 설명 - TL5001L-D08-T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com