전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSCNE555 데이터시트(PDF) 1 Page - E-Tech Electronics LTD

부품명 GSCNE555
상세설명  High current driver capability (=200mA)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETL [E-Tech Electronics LTD]
홈페이지  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GSCNE555 데이터시트(HTML) 1 Page - E-Tech Electronics LTD

  GSCNE555 Datasheet HTML 1Page - E-Tech Electronics LTD GSCNE555 Datasheet HTML 2Page - E-Tech Electronics LTD GSCNE555 Datasheet HTML 3Page - E-Tech Electronics LTD GSCNE555 Datasheet HTML 4Page - E-Tech Electronics LTD GSCNE555 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GSCNE555
Page: 1/5
ISSUED DATE :2005/08/10
REVISED DATE :2006/05/15C
G
G S
S C
C N
N E
E 555555
S
S II N
N G
G L
L E
E T
T II M
M E
E R
R
Description
The GSCNE555 is a highly stable timer integrated circuit. It can be operated in Astable mode and Monostable
mode. With monostable operation, the time delay is controlled by one external and one capacitor. With a stable
operation, the frequency and duty cycle are accurately controlled with two external resistors and one capacitor.
Features
&High current driver capability (=200mA)
&
Adjustable duty cycle
&Timing form Sec to Hours
&
Turn off time less than 2 Sec
Applications
&Precision timing
&Pulse generation
&Time delay generation
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
J
0.375 REF.
E
0.40
0.90
K
45°
F
0.19
0.25
G
1.27 TYP.
Block Diagram and Simplified Application & Pin Configuration


유사한 부품 번호 - GSCNE555

제조업체부품명데이터시트상세설명
logo
GTM CORPORATION
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
   SINGLE TIMER
More results

유사한 설명 - GSCNE555

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD53500 AD-AD53500 Datasheet
101Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
AD53500 AD-AD53500_15 Datasheet
105Kb / 7P
   High Speed, High Current Capability Pin Driver
REV. 0
logo
Vishay Siliconix
VS-SD203N VISHAY-VS-SD203N Datasheet
288Kb / 10P
   High current capability
Revision: 21-Nov-13
logo
Micro Commercial Compon...
SL24PL MCC-SL24PL Datasheet
356Kb / 3P
   High Current Capability
logo
Nanjing International G...
SM260.2A-DO-213AB DGNJDZ-SM260.2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
SM260-2A-DO-213AB DGNJDZ-SM260-2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
logo
Chongqing Pingwei Enter...
MBR1060CT CHONGQING-MBR1060CT Datasheet
213Kb / 1P
   High current capability
logo
Inchange Semiconductor ...
BUZ30A ISC-BUZ30A Datasheet
66Kb / 2P
   High current capability
2SA2121 ISC-2SA2121 Datasheet
114Kb / 2P
   High Current Capability
2SA1028 ISC-2SA1028 Datasheet
69Kb / 2P
   High Current Capability
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com