전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4052BCN 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 CD4052BCN
상세설명  Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4052BCN 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button CD4052BCN Datasheet HTML 2Page - Fairchild Semiconductor CD4052BCN Datasheet HTML 3Page - Fairchild Semiconductor CD4052BCN Datasheet HTML 4Page - Fairchild Semiconductor CD4052BCN Datasheet HTML 5Page - Fairchild Semiconductor CD4052BCN Datasheet HTML 6Page - Fairchild Semiconductor CD4052BCN Datasheet HTML 7Page - Fairchild Semiconductor CD4052BCN Datasheet HTML 8Page - Fairchild Semiconductor CD4052BCN Datasheet HTML 9Page - Fairchild Semiconductor CD4052BCN Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.fairchildsemi.com
6
DC Electrical Characteristics (Continued)
Note 2: All voltages measured with respect to VSS unless otherwise specified.
Symbol
Parameter
Conditions
−55°C
+25°
125
°C
Units
Min
Max
Min
Typ
Max
Min
Max
Control Inputs A, B, C and Inhibit
VIL
LOW Level Input Voltage
VEE = VSS RL = 1 kΩ to VSS
IIS<2 µA on all OFF Channels
VIS = VDD thru 1 kΩ
VDD = 5V
1.5
1.5
1.5
V
VDD = 10V
3.0
3.0
3.0
VDD = 15V
4.0
4.0
4.0
VIH
HIGH Level Input Voltage
VDD = 5
3.5
3.5
3.5
V
VDD = 10
7
7
7
VDD = 15
11
11
11


유사한 부품 번호 - CD4052BCN

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
CD4052BCN FAIRCHILD-CD4052BCN Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
CD4052BCN FAIRCHILD-CD4052BCN Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4052BCN FAIRCHILD-CD4052BCN Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer
More results

유사한 설명 - CD4052BCN

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
TC74VHC4051AF TOSHIBA-TC74VHC4051AF_12 Datasheet
263Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com