전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HC20 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HC20
상세설명  High-Speed CMOS Logic Dual 4-Input NAND Gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC20 데이터시트(HTML) 5 Page - Texas Instruments

  CD74HC20 Datasheet HTML 1Page - Texas Instruments CD74HC20 Datasheet HTML 2Page - Texas Instruments CD74HC20 Datasheet HTML 3Page - Texas Instruments CD74HC20 Datasheet HTML 4Page - Texas Instruments CD74HC20 Datasheet HTML 5Page - Texas Instruments CD74HC20 Datasheet HTML 6Page - Texas Instruments CD74HC20 Datasheet HTML 7Page - Texas Instruments CD74HC20 Datasheet HTML 8Page - Texas Instruments CD74HC20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Transition Times (Figure1)
tTLH, tTHL CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Input Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
-
5
-
26
-
----
pF
HCT TYPES
Propagation Delay, Input to
Output (Figure 2)
tPLH, tPHL CL = 50pF
4.5
-
-
28
-
35
-
42
ns
Propagation Delay, Data Input to
Output Y
tPLH, tPHL CL = 15pF
5
-
11
-
----
ns
Transition Times (Figure 2)
tTLH, tTHL CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Input Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
-
5
-
38
-
----
pF
NOTES:
3. CPD is used to determine the dynamic power consumption, per gate.
4. PD = VCC
2 f
i (CPD + CL) where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Test Circuits and Waveforms
FIGURE 1. HC AND HCU TRANSITION TIMES AND PROPAGA-
TION DELAY TIMES, COMBINATION LOGIC
FIGURE 2. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
CD54HC20, CD74HC20, CD54HCT20, CD74HCT20


유사한 부품 번호 - CD74HC20

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC20 TI-CD74HC20 Datasheet
45Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input NAND Gate
CD74HC20 TI-CD74HC20 Datasheet
257Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NAND Gate
CD74HC20-Q1 TI1-CD74HC20-Q1 Datasheet
141Kb / 7P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DUAL 4-INPUT NAND GATE
CD74HC20E TI-CD74HC20E Datasheet
45Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input NAND Gate
CD74HC20E TI-CD74HC20E Datasheet
257Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NAND Gate
More results

유사한 설명 - CD74HC20

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC20 TI-CD74HC20 Datasheet
45Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input NAND Gate
CD54HC20 TI-CD54HC20 Datasheet
257Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NAND Gate
CD74HC20-Q1 TI1-CD74HC20-Q1 Datasheet
141Kb / 7P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DUAL 4-INPUT NAND GATE
CD54HC30 TI1-CD54HC30_15 Datasheet
754Kb / 18P
[Old version datasheet]   High Speed CMOS Logic 8-Input NAND Gate
CD74HC30 TI-CD74HC30 Datasheet
349Kb / 13P
[Old version datasheet]   High Speed CMOS Logic 8-Input NAND Gate
logo
KODENSHI_AUK CORP.
KK74ACT20 KODENSHI-KK74ACT20 Datasheet
222Kb / 5P
   Dual 4-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74AC20 KODENSHI-KK74AC20 Datasheet
223Kb / 5P
   Dual 4-Input NAND Gate High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC20 INTEGRAL-IN74AC20 Datasheet
143Kb / 4P
   DUAL 4-INPUT NAND GATE High-Speed Silicon-Gate CMOS
logo
Texas Instruments
CD54HC10 TI1-CD54HC10_14 Datasheet
614Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NAND Gate
CD54HC00 TI1-CD54HC00_16 Datasheet
392Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com