전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FIN1532 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FIN1532
상세설명  5V LVDS 4-Bit High Speed Differential Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1532 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FIN1532 Datasheet HTML 1Page - Fairchild Semiconductor FIN1532 Datasheet HTML 2Page - Fairchild Semiconductor FIN1532 Datasheet HTML 3Page - Fairchild Semiconductor FIN1532 Datasheet HTML 4Page - Fairchild Semiconductor FIN1532 Datasheet HTML 5Page - Fairchild Semiconductor FIN1532 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
FIGURE 2. LVDS Input to LVTTL Output AC Waveforms
Test Circuit for LVTTL Outputs
FIGURE 3. AC Loading Circuit for LVTTL Outputs
Voltage Waveforms Enable and Disable Times
Note A: CL includes probes and jig capacitance
Note B: All LVTTL input pulses have the following characteristics: Frequency
= 10 MHz, t
R or tF = 2 ns
FIGURE 4. LVTTL Outputs Test Circuit and AC Waveforms


유사한 부품 번호 - FIN1532

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FIN1532 FAIRCHILD-FIN1532 Datasheet
246Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532 FAIRCHILD-FIN1532 Datasheet
249Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532M FAIRCHILD-FIN1532M Datasheet
246Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532M FAIRCHILD-FIN1532M Datasheet
249Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532MTC FAIRCHILD-FIN1532MTC Datasheet
246Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
More results

유사한 설명 - FIN1532

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FIN1532MX FAIRCHILD-FIN1532MX Datasheet
249Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532 FAIRCHILD-FIN1532 Datasheet
246Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1531 FAIRCHILD-FIN1531 Datasheet
206Kb / 6P
   5V LVDS 4-Bit High Speed Differential Driver
FIN1032 FAIRCHILD-FIN1032 Datasheet
246Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
logo
Fairchild Semiconductor
FIN1002 FAIRCHILD-FIN1002 Datasheet
1,019Kb / 7P
   LVDS 1-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1002 ONSEMI-FIN1002 Datasheet
977Kb / 11P
   LVDS 1-Bit, High-Speed Differential Receiver
July 2016 Rev. 1.2
logo
Fairchild Semiconductor
FIN1048 FAIRCHILD-FIN1048 Datasheet
249Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048MTCX FAIRCHILD-FIN1048MTCX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048MX FAIRCHILD-FIN1048MX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com