전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK1579 데이터시트(PDF) 3 Page - Hitachi Semiconductor

부품명 2SK1579
상세설명  Silicon N-Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK1579 데이터시트(HTML) 3 Page - Hitachi Semiconductor

  2SK1579 Datasheet HTML 1Page - Hitachi Semiconductor 2SK1579 Datasheet HTML 2Page - Hitachi Semiconductor 2SK1579 Datasheet HTML 3Page - Hitachi Semiconductor 2SK1579 Datasheet HTML 4Page - Hitachi Semiconductor 2SK1579 Datasheet HTML 5Page - Hitachi Semiconductor 2SK1579 Datasheet HTML 6Page - Hitachi Semiconductor 2SK1579 Datasheet HTML 7Page - Hitachi Semiconductor 2SK1579 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SK1579
3
Electrical Characteristics (Ta = 25°C unless otherwise specified.)
Item
Symbol Min
Typ
Max
Unit
Test conditions
Drain to source cutoff current
I
DSS
——1
µAV
DS = 8 V, VGS = 0
Gate to source cutoff current
I
GSS
——
±5
µAV
GS = ±6.5 V, VDS = 0
Gate to source cutoff voltage
V
GS(off)
0.4
1.4
V
V
DS = 5 V, ID = 100 µA
Drain to source on resistance
(1)
R
DS(on)1
0.36
0.7
V
GS = 2.2 V, ID = 0.5 A
Drain to source on resistance
(2)
R
DS(on)2
0.25
0.35
V
GS = 4 V, ID = 1 A
DC forward transfer admittance |yfs|
1
2.5
S
V
DS = 5 V, ID = 1 A,
∆V
GS = 0.1 V
Input capacitance
Ciss
110
pF
V
DS = 5 V, VGS = 0,
Reverse transfer capacitance
Crss
30
pF
f = 1 MHz
Output capacitance
Coss
150
pF
Turn-on time
t
(on)
500
ns
I
D = 0.2 A, VGS = 0,
Turn-off time
t
(off)
1500
ns
Vin = 4 V, R
L = 51 Ω
Note
1. Marking is “DY”.


유사한 부품 번호 - 2SK1579

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SK1579 RENESAS-2SK1579 Datasheet
70Kb / 6P
   Silicon N Channel MOS FET
2SK1579DY RENESAS-2SK1579DY Datasheet
70Kb / 6P
   Silicon N Channel MOS FET
More results

유사한 설명 - 2SK1579

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com