전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK1835 데이터시트(PDF) 6 Page - Hitachi Semiconductor

부품명 2SK1835
상세설명  Silicon N-Channel MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK1835 데이터시트(HTML) 6 Page - Hitachi Semiconductor

Back Button 2SK1835 Datasheet HTML 2Page - Hitachi Semiconductor 2SK1835 Datasheet HTML 3Page - Hitachi Semiconductor 2SK1835 Datasheet HTML 4Page - Hitachi Semiconductor 2SK1835 Datasheet HTML 5Page - Hitachi Semiconductor 2SK1835 Datasheet HTML 6Page - Hitachi Semiconductor 2SK1835 Datasheet HTML 7Page - Hitachi Semiconductor 2SK1835 Datasheet HTML 8Page - Hitachi Semiconductor 2SK1835 Datasheet HTML 9Page - Hitachi Semiconductor 2SK1835 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2SK1835
6
5000
2000
1000
500
200
100
5
0.1
0.2
0.5
1
25
10
Reverse Drain Current I
(A)
DR
GS
di / dt = 100 A / s
V
= 0, Ta = 25°C
µ
Body to Drain Diode Reverse
Recovery Time
1000
10000
100
10
10
20
30
40
50
Ciss
Coss
V
= 0
f = 1 MHz
Drain to Source Voltage V
GS
DS
Crss
0
Typical Capacitance vs. Drain
to Source Voltage
1000
800
600
400
200
0
40
80
120
160
200
0
4
8
12
16
20
I
= 4 A
V
= 600 V
DD
250 V
400 V
250 V
V
= 600 V
400 V
VDS
VGS
DD
Gate Charge
g (nc)
Q
D
Dynamic Input Characteristics
1000
500
200
100
50
20
10
0.05
0.1
0.2
0.5
1
2
5
tf
tr
td (off)
Drain Current I (A)
D
V
= 10 V, duty
1 %
GS
PW = 5 s
µ
Switching Characteristics
td (on)


유사한 부품 번호 - 2SK1835

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SK1835 RENESAS-2SK1835 Datasheet
105Kb / 7P
   Silicon N Channel MOS FET
logo
Inchange Semiconductor ...
2SK1835 ISC-2SK1835 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK1835-E RENESAS-2SK1835-E Datasheet
105Kb / 7P
   Silicon N Channel MOS FET
More results

유사한 설명 - 2SK1835

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com