전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-2300 데이터시트(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-2300
상세설명  8 MBd Low Input Current Optocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2300 데이터시트(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-2300 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Notes:
1. Bypassing the power supply line is required with a 0.1 µF ceramic
disc capacitor adjacent to each optocoupler as illustrated in Figure
19. The power supply bus for the optocoupler(s) should be separate
from the bus for any active loads, otherwise a larger value of bypass
capacitor (up to 0.5 µF) may be needed to suppress regenerative
feedback via the power supply.
2. Peaking circuits may produce transient input currents up to 100
mA, 500 ns maximum pulse width, provided average current does
not exceed 5 mA.
3. Device considered a two terminal device: pins 1, 2, 3, and 4 shorted
together, and pins 5, 6, 7, and 8 shorted together.
4. The t
PLH propagation delay is measured from the 50% point on the
trailing edge of the input pulse to the 1.5 V point on the trailing
edge of the output pulse.
5. The t
PHL propagation delay is measured from the 50% point on the
leading edge of the input pulse to the 1.5 V point on the leading
edge of the output pulse.
6. CM
H is the maximum tolerable rate of rise of the common mode
voltage to assure that the output will remain in a high logic state
(i.e., V
OUT > 2.0 V).
7. CM
L is the maximum tolerable rate of fall of the common mode
voltage to assure that the output will remain in a low logic state
(i.e., V
OUT < 0.8 V).
8. C
P is the peaking capacitance. Refer to test circuit in Figure 8.
9. In accordance with UL 1577, each optocoupler is momentary with-
stand proof tested by applying an insulation test voltage ≥4500
Vrms for 1 second (leakage detection current limit, I
I-O ≤ 5 µA). This
test is performed before the 100% production test for partial dis-
charge (Method b) shown in the IEC/EN/DIN EN 60747-5-5 Insula-
tion Characteristics Table, if applicable.
Figure 3. Typical output voltage vs. forward
input current vs. temperature.
Figure 2. Typical input diode forward charac-
teristics.
Figure 4. Typical logic high output current vs.
temperature.
Package Characteristics
For -40°C ≤T
A ≤85°C, unless otherwise specified. All typicals at TA = 25°C.
Parameter
Symbol Min.
Typ.
Max.
Units
Test Conditions
Fig.
Notes
Input-Output Momentary
V
ISO
3750
V
rms
RH ≤ 50%, t = 1 min,
3, 9
Withstand Voltage*
T
A = 25°C
Resistance, Input-Output
R
I-O
1012
V
I-O = 500 V
3
Capacitance, Input-Output
C
I-O
0.6
pF
f = 1 MHz
3
*The Input-Output MomentaryWithstandVoltage is a dielectric voltage rating that should not be interpreted as an input-output continuous voltage
rating. For the continuous voltage rating refer to the IEC/EN/DIN EN 60747-5-5 Insulation Characteristics Table (if applicable), your equipment level
safety specification, or Avago Application Note 1074, “Optocoupler Input-Output Endurance Voltage.”


유사한 부품 번호 - HCPL-2300

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-2300 HP-HCPL-2300 Datasheet
269Kb / 12P
   8 MBd Low Input Current Optocoupler
HCPL-2300 HP-HCPL-2300 Datasheet
513Kb / 12P
   8 MBd Low Input Current Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2300 AVAGO-HCPL-2300 Datasheet
300Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300 AVAGO-HCPL-2300 Datasheet
277Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300 AVAGO-HCPL-2300 Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
More results

유사한 설명 - HCPL-2300

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2300-500E AVAGO-HCPL-2300-500E Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300-000E AVAGO-HCPL-2300-000E Datasheet
277Kb / 14P
   8 MBd Low Input Current Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-0300 HP-HCPL-0300 Datasheet
513Kb / 12P
   8 MBd Low Input Current Optocoupler
HCPL-2300 HP-HCPL-2300 Datasheet
269Kb / 12P
   8 MBd Low Input Current Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2300-360E AVAGO-HCPL-2300-360E Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300 AVAGO-HCPL-2300 Datasheet
300Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300 AVAGO-HCPL-2300_13 Datasheet
277Kb / 14P
   8 MBd Low Input Current Optocoupler
logo
Infineon Technologies A...
SFH6943 INFINEON-SFH6943 Datasheet
397Kb / 3P
   Low Current Input Mini Optocoupler
March 4, 2000-23
logo
List of Unclassifed Man...
OLI400 ETC1-OLI400 Datasheet
35Kb / 3P
   Miniature Low Input-Current Optocoupler
logo
Siemens Semiconductor G...
SFH6941 SIEMENS-SFH6941 Datasheet
36Kb / 3P
   LOW CURRENT INPUT MINI OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com